Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX16303 Datasheet (PDF) - Melexis Microelectronic Systems

MLX16303 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX16303
Download  MLX16303 Download
File Size   282.3 Kbytes
Page   20 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Bi-directional Remote Sensor Unit Interface

MLX16303 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX16303 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX16303
Download  MLX16303 Click to download

File Size   282.3 Kbytes
Page   20 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Bi-directional Remote Sensor Unit Interface

MLX16303 Datasheet (HTML) - Melexis Microelectronic Systems


MLX16303 Product details

Description

This interface IC is designed for remote automotive sensors, especially between a main ECU and remote (sensor) units. It contains two identical interfaces and the main task of each interface is to supply one remote unit and to receive digital information from the same remote unit. It is also possible to send data as PWM voltage pulses to the remote unit, for example to program the remote unit for its special application. This is done by one active wire: the interface supplies the external unit with a pre-regulated voltage, the external unit transmits the digital information back to the interface by current modulation. A continuous diagnosis of the IC is running in the background. The diagnosis results can be requested by a microcontroller using the SPI interface.



Features and Benefits

■ Two identical interface channels for remote sensor units

■ Two connection modes: connection to OUTx and RETx or connection to OUTx and GND pin

■ 16 bit Standard SPI for control and diagnosis via a microcontroller

■ Supply voltage for each remote unit with a supply current up to 45mA

■ Current limitation with an analog feed back loop for each channel

■ Receive data from the remote unit by current modulation with a transmission rate of 10kHz

■ Transmission of data to the remote unit via PWM voltage pulses

■ Data input/output can be directly connected to a microcontroller input/output (CMOS)

■ Low current consumption

■ All pins to the external interface are short-circuit and high-voltage protected

■ High immunity against cross coupling between the two channels

■ The current modulation provides high noise immunity for data transfer



Application

■ Remote automotive sensors (between ECU and sensors).



 




Similar Part No. - MLX16303

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
MLX16305EDC-CCA-000-RE MELEXIS-MLX16305EDC-CCA-000-RE Datasheet
447Kb / 29P
Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
More results


Similar Description - MLX16303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Radiometrix Ltd
BD118 RADIOMETRIX-BD118 Datasheet
97Kb / 5P
Bi-directional RF Remote Control application boards
BL118 RADIOMETRIX-BL118 Datasheet
334Kb / 7P
Bi-directional low power RF Remote Control boards
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Contec Co., Ltd
DIO-48DX-USB CONTEC-DIO-48DX-USB Datasheet
361Kb / 5P
Bi-Directional Digital I/O Unit for USB
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
REMOTE I/O INTERFACE UNIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com