Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8080 Datasheet (PDF) - Melexis Microelectronic Systems

TH8080 Datasheet PDF - Melexis Microelectronic Systems
Part # TH8080
Download  TH8080 Download
File Size   564.77 Kbytes
Page   23 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description SoloLIN Transceiver

TH8080 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8080 Datasheet PDF - Melexis Microelectronic Systems

Part # TH8080
Download  TH8080 Click to download

File Size   564.77 Kbytes
Page   23 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description SoloLIN Transceiver

TH8080 Datasheet (HTML) - Melexis Microelectronic Systems


TH8080 Product details

General Description
The TH8080 is a physical layer device for a single wire data link capable of operating in applications where high data rate is not required and a lower data rate can achieve cost reductions in both the physical media components and in the microprocessor which use the network. The TH8080 is designed in accordance to the physical layer definition of the LIN Protocol Specification, Rev. 1.3 and 2.0.The IC furthermore can be used in ISO9141 systems.

Features
❐ Compatible to LIN Specification Version 1.3 and 2.0
❐ Compatible to ISO9141 functions
❐ Baud rate up to 20 kBaud
❐ Operating voltage VS = 7 to 18 V
❐ Low current consumption of typ. 24µA
❐ Wake-up via LIN bus traffic
❐ Slew rate control for good EME behavior
❐ High EMI immunity
❐ Fully integrated receiver filter
❐ Bus terminals proof against short-circuits and transients in the automotive environment
❐ High impedance BUS pin in case of loss of ground and undervoltage condition
❐ High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
❐ Automotive Temperature Range of –40°C to 125°C
❐ CMOS compatible interface to microcontroller
❐ Thermal overload protection
❐ Load dump protection (40V)
❐ ±4kV ESD protection
❐ Small SOIC8 package




Similar Part No. - TH8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
TH8082KDC MELEXIS-TH8082KDC Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
More results


Similar Description - TH8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
TRANSCEIVER
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
Transceiver
October, 2015 ??Rev. 0
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com