Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8082 Datasheet (PDF) - Melexis Microelectronic Systems

TH8082 Datasheet PDF - Melexis Microelectronic Systems
Part # TH8082
Download  TH8082 Download
File Size   648.06 Kbytes
Page   26 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Enhanced SoloLIN Transceiver

TH8082 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8082 Datasheet PDF - Melexis Microelectronic Systems

Part # TH8082
Download  TH8082 Click to download

File Size   648.06 Kbytes
Page   26 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Enhanced SoloLIN Transceiver

TH8082 Datasheet (HTML) - Melexis Microelectronic Systems


TH8082 Product details

General Description

The TH8082 is a physical layer device for a single wire data link capable of operating in applications where high data rate is not required and a lower data rate can achieve cost reductions in both the physical media components and in the microprocessor which use the network. The TH8082 is designed in accordance to the physical layer definition of the LIN Protocol Specification, Rev. 1.3 and 2.0.The IC furthermore can be used in ISO9141 systems.



Features

  Compatible to LIN Physical Layer Specification Rev.1.3 and 2.0

  Compatible to ISO9141 functions

  Operating voltage VS = 7 to 18 V

  Very low standby current consumption of 6.5µA in sleep mode

  Remote wake up via bus traffic

  Baud rate up to 20 kBaud

  Control output for voltage regulator with low on – resistance for switchable master termination

  Low EME due to slew rate control

  High EMI immunity

  Fully integrated receiver filter

  Bus terminals proof against short-circuits and transients in the automotive environment

  High impedance Bus pin in case of loss of ground and undervoltage condition

  Bus short to ground protection

  Thermal overload protection

  Integrated termination resistor for LIN slave nodes

  High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance

  ±4kV ESD protection



 




Similar Part No. - TH8082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
More results


Similar Description - TH8082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160 MOTOROLA-MC68160 Datasheet
372Kb / 30P
ENHANCED ETHERNET INTERFACE TRANSCEIVER
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
Enhanced coaxial Ethernet transceiver
1995 May 1
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
Enhanced LIN Transceiver
May, 2004 ??Rev. P1
NCV7382 ONSEMI-NCV7382_07 Datasheet
212Kb / 16P
Enhanced LIN Transceiver
February, 2007 ??Rev. 3
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8080 MELEXIS-TH8080 Datasheet
564Kb / 23P
SoloLIN Transceiver
logo
ams AG
AS8222 AMSCO-AS8222 Datasheet
1Mb / 43P
Enhanced FlexRay Standard Transceiver
logo
Melexis Microelectronic...
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
Enhanced LIN Transceiver
logo
Device Engineering Inco...
DEI1084 DEIAZ-DEI1084 Datasheet
1Mb / 15P
ARINC 429 ENHANCED TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com