Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSMA1014 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSMA1014 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSMA1014
Download  FMSMA1014 Download
File Size   448.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2412-2484/ 5150-5825 MHz, 0.5/3.5 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX Connector

FMSMA1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSMA1014 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSMA1014
Download  FMSMA1014 Click to download

File Size   448.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2412-2484/ 5150-5825 MHz, 0.5/3.5 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX Connector

FMSMA1014 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSMA1014 Product details

Features:
• High Efficiency
• Isotropic radiation patterns
• Linear polarization
• Ultra-Compact design
• Low loss material
• Extended operating
temperatures
• Case mounting or on
board mount
• Dual band frequency stabilization
• IPEX connector - 110mm cable
• Single piece for easy buy




Similar Part No. - FMSMA1014

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSMA1014-50PK FAIRVIEW-FMSMA1014-50PK Datasheet
450Kb / 3P
2412-2484/ 5150- 5825 MHz, 0.5/3.5 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX-50 Pack
A
More results


Similar Description - FMSMA1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
logo
List of Unclassifed Man...
PC31070050A ETC2-PC31070050A Datasheet
429Kb / 7P
dBi ISM 868/915MHz FR4 antenna with 50mm 1.13 IPEX MHF
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
logo
TE Connectivity Ltd
2108517-2 TEC-2108517-2 Datasheet
535Kb / 2P
DUAL BAND WiFi (2400-2500 &5150-5875MHz) ANTENNA, STAMPED METAL, SMD
logo
AVX Corporation
1000418 AVX-1000418 Datasheet
714Kb / 5P
WLAN BT Zigbee Embedded Stamped Metal Antenna
9/27/2021
1001388 AVX-1001388 Datasheet
1Mb / 8P
5 GHz Single Band Stamped Metal Embedded Antenna
10/4/2019
1002295 AVX-1002295 Datasheet
1,006Kb / 7P
Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com