Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL Datasheet (PDF) - Eaton All Rights Reserved.

PSL Datasheet PDF - Eaton All Rights Reserved.
Part # PSL
Download  PSL Download
File Size   146.92 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description General-Purpose and Sensor Power Supplies

PSL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSL Datasheet PDF - Eaton All Rights Reserved.

Part # PSL
Download  PSL Click to download

File Size   146.92 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description General-Purpose and Sensor Power Supplies

PSL Datasheet (HTML) - Eaton All Rights Reserved.


PSL Product details

Product Description
Eaton’s single-phase Low
Profile DIN Rail Power Supply
series offers double isolated
input with no earth
connection required, resulting
in low leakage current and a
longer lifespan. The PSL
series provides a universal
input voltage range of 90–
264 Vac, and a wide
temperature range of –25 °C
to +71 °C with greater than
80% efficiency. The lowprofile
series is certified to
safety standard according to
IEC/EN/UL 60950-1
Information Technology
Equipment (ITE) and UL 508
Industrial Control Equipment
(ICE). The series is also fully
compliant with RoHS
Directive 2011/65/EU for
environmental protection.
NEC Class 2 and Limited
Power Source (LPS)
approvals are available for
this product.
Application Description
The Low Profile is part of the
PSL DIN Rail Power Supply
series, which is designed for
use in compact cabinets for
home automations and the
food and beverage industry.
Applications include
communication networks,
sensors, PLCs and many
other electrical systems.
Features, Benefits and
Functions
● Universal input voltage:
90–264 Vac or 125–375 Vdc
● Under 100 W power output
at 24 Vdc
● Wide operating
temperature range:
–25 °C to +71 °C
● MTBF greater than
500,000 hours ensures
uptime and reliability
● Protection from
overvoltage, short circuit,
overcurrent and overtemperature
conditions
● Plastic housings provide
the durability required
to withstand harsh
environments
● Finger-safe terminals
● LED indicating light for
DC OK simplifies
troubleshooting
● Redundancy modules keep
loads up and running in the
event of a device failure
● NEC Class 2 rated model
● 150% power surge output
● IP20 protection degree
● Protection Class 2,
double isolation
● No earth connection
required




Similar Part No. - PSL

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
The Compact Power Transformer
More results


Similar Description - PSL

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
Fairchild Semiconductor
KSH44H11TF FAIRCHILD-KSH44H11TF Datasheet
46Kb / 5P
General Purpose Power and Switching
logo
IC-Haus GmbH
IC-HO ICHAUS-IC-HO Datasheet
788Kb / 2P
GENERAL PURPOSE SENSOR INTERFACE
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com