Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PSL
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSL Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PSL Datasheet HTML 1Page - Eaton All Rights Reserved. PSL Datasheet HTML 2Page - Eaton All Rights Reserved. PSL Datasheet HTML 3Page - Eaton All Rights Reserved. PSL Datasheet HTML 4Page - Eaton All Rights Reserved. PSL Datasheet HTML 5Page - Eaton All Rights Reserved. PSL Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—April 2019 www.eaton.com
V7-T6-5
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
Catalog Number Selection
Note: Catalog number selection breakdown shown below is for illustrative purposes only and not to be used
to create new catalog number configurations.
PSL Series
Product Selection
PSL Series
Power
Description
Catalog
Number
24 Vdc output, single-phase power supplies
(100–240 Vac nominal input)
10 W, 0.42 A output, plastic housing
PSL10E24RP
30 W, 1.25 A output, plastic housing
PSL30E24RP
60 W, 2.5 A output, plastic housing
PSL60E24RP
100 W, 3.8 A output, plastic housing
PSL100E24RP
PSL 10 E 24 R P
Series
PSL = Low Profile Power Supply
Output Power
10 = 10 W
30 = 30 W
60 = 60 W
100 = 100 W
Model
E = Single-phase
Output Voltage
24 = 24 Vdc
Terminals
R = Finger-safe
Housing
P = Plastic
PSL10E24RP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com