Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1984B Datasheet (PDF) - Analog Devices

AD1984B Datasheet PDF - Analog Devices
Part # AD1984B
Download  AD1984B Download
File Size   302.94 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1984B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1984B Datasheet PDF - Analog Devices

Part # AD1984B
Download  AD1984B Click to download

File Size   302.94 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1984B Datasheet (HTML) - Analog Devices


AD1984B Product details

GENERAL DESCRIPTION
The AD1984B audio codec and SoundMAX® software provide superior high definition audio quality that exceeds Vista Premium performance. The AD1984B has two 192 kHz DAC pairs, two 192 kHz ADC pairs, dual S/PDIF outputs, a 2-channel digital microphone interface, and digital and analog PCBeep. These features make the AD1984B the right choice for desktop and notebook PCs where performance is key. For more information on SoundMAX codecs and software see the Analog Devices, Inc., website at www.analog.com/soundMAX.
The AD1984B has two S/PDIF outputs that can connect to both S/PDIF jacks and external HDMITM encoder devices.

FEATURES
   Microsoft Vista Premium Logo for desktop
      96+ dB audio outputs, 90 dB audio inputs
      WLP 3.0 and 4.0
   Security feature prevents unauthorized recording
   2 stereo headphone amplifiers
   Internal 32-bit arithmetic for greater accuracy
   Impedance and presence detection on all jacks
   Full analog mixer with DAC inputs
   3 independent microphone bias pins
   Digital and analog PCBeep
   3 general-purpose digital I/O (GPIO) pins
   3.3 V analog supply voltage
   1.7 V to 1.9 V or 3.3 V digital supply voltages
   3.3 V HD-Audio link signaling voltage
   Advanced power management modes
   48-lead LFCSP_VQ package
  
192 kHz DACs/ADCs
   2 independent stereo DAC/ADC pairs
   Simultaneous record of 2 stereo channels
   Simultaneous playback of 2 stereo channels
   Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
      44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
      sample rates
   16-, 20-, and 24-bit resolution
   Selectable stereo mixer on outputs
  
STEREO DIGITAL MICROPHONE INTERFACE
   Two 192 kHz digital microphone channels
   Supports 1 or 2 microphones per pin
   Selectable bit clock rates of 1.5 MHz, 2.0 MHz, and 3.0 MHz
   Mono and stereo array support 8 kHz, 11.025 kHz, 16 kHz,
      22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
      176.4 kHz, and 192 kHz sample rates
   16-, 20-, and 24-bit resolution

S/PDIF OUTPUT
   Second S/PDIF can support external HDMI interface
   Supports 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and
      192 kHz sample rates
   16-, 20-, and 24-bit data; PCM and AC3 formats
   Digital PCM gain control

AUXILIARY PINS
   Stereo CD/auxiliary I/O port with ground sense
   Stereo auxiliary/dock I/O port
   Mono out pin for internal speakers or telephony




Similar Part No. - AD1984B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results


Similar Description - AD1984B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1882 AD-AD1882 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com