Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1989B Datasheet (PDF) - Analog Devices

AD1989B Datasheet PDF - Analog Devices
Part # AD1989B
Download  AD1989B Download
File Size   412.98 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1989B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1989B Datasheet PDF - Analog Devices

Part # AD1989B
Download  AD1989B Click to download

File Size   412.98 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1989B Datasheet (HTML) - Analog Devices


AD1989B Product details

GENERAL DESCRIPTION
The AD1989B audio codec and SoundMAX® software provides superior HD audio quality that exceeds Vista Premium performance. The AD1989B has ten 101 dB DACs and six 92 dB ADCs, three stereo headphone ports, C/LFE swapping, digital and analog PCBeep, and two independent S/PDIF outputs, making the AD1989B the right choice for PCs where performance and a rich feature set are primary considerations.

FEATURES
    Ten 192 kHz, 101 dB DACs
        7.1 surround sound plus independent headphone
        All independent sample rates, 8 kHz through 192 kHz
        Selectable stereo mixer on outputs
        16-, 20-, and 24-bit resolution
    Six 192 kHz, 92 dB ADCs
        Simultaneous record of up to 3 stereo channels
        All independent sample rates, 8 kHz through 192 kHz
        16-, 20-, and 24-bit resolution
    S/PDIF output
        2 independent transmitters, second S/PDIF can support
            external HDMI interface
        Supports 44.1 kHz through 192 kHz sample rates
        16-, 20-, and 24-bit data; PCM, and AC3 formats
        Digital PCM gain control
    S/PDIF input
        Supports 44.1 kHz through 192 kHz sample rates
        16-, 20-, and 24-bit data; PCM, and AC3 formats
        Digital PCM gain control
        Auto synchronizes to source sample rate
    Dedicated auxiliary pins
        Stereo CD/auxiliary I/O port w/GND sense
        MONO_OUT pin for internal speaker with EAPD support
    Microsoft Vista Premium® logo compliant
    Support up to 9 audio jacks
    Impedance and presence detection; retasking
    5 adjustable microphone bias pins
    Digital and analog PCBeep
    3 general-purpose digital I/O (GPIO) pins
    Multiple EAPD pins for external circuit control
    3.3 V analog and digital supply voltages
    1.5 V and 3.3 V HD Audio link signaling
    Advanced power management modes




Similar Part No. - AD1989B

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
AD1989B CONEXANT-AD1989B Datasheet
672Kb / 2P
Ten 192 kHz, 101 dB DACs
More results


Similar Description - AD1989B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1882 AD-AD1882 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
High Definition Audio SoundMAX Codec
Feb-2008
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com