Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1989B Datasheet (PDF) - Synaptics Incorporated.

AD1989B Datasheet PDF - Synaptics Incorporated.
Part # AD1989B
Download  AD1989B Download
File Size   672.88 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Ten 192 kHz, 101 dB DACs

AD1989B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1989B Datasheet PDF - Synaptics Incorporated.

Part # AD1989B
Download  AD1989B Click to download

File Size   672.88 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Ten 192 kHz, 101 dB DACs

AD1989B Datasheet (HTML) - Synaptics Incorporated.


AD1989B Product details

Overview
The AD1989B audio codec and software provide superior HD audio high quality and performance. The AD1989B has ten 101 dB DACs and six 92 dB ADCs, three stereo headphone ports, C/LFE swapping, digital and analog PCBeep, two independent S/PDIF outputs, and an S/PDIF input. The jack retasking feature on this product supports various configurations including 7.1 on 5 jacks, 5.1 on 3 jacks, and front panel jack retasking. The AD1989B is available in a 48-lead RoHS compliant lead frame chip scale package in both reels and trays.

Features
◆ Ten 192 kHz, 101 dB DACs
    – 7.1 surround sound plus independent headphone
    – All independent sample rates, 8 kHz through 192 kHz
    – Selectable stereo mixer on outputs
    – 16-, 20-, and 24-bit resolution
◆ Six 192 kHz, 92 dB ADCs
    – Simultaneous record of up to 3 stereo channels
    – All independent sample rates, 8 kHz through 192 kHz
    – 16-, 20-, and 24-bit resolution
◆ S/PDIF output
    – 2 independent transmitters, second S/PDIF can support external HDMI interface
    – Supports 44.1 kHz through 192 kHz sample rates
    – 16-, 20-, and 24-bit data; PCM, and AC3 formats
    – Digital PCM gain control
◆ S/PDIF input
    – Supports 44.1 kHz through 192 kHz sample rates
    – 16-, 20-, and 24-bit data; PCM, and AC3 formats
    – Digital PCM gain control
    – Auto synchronizes to source sample rate
◆ Dedicated auxiliary pins
    – Stereo CD/auxiliary I/O port w/GND sense
    – MONO_OUT pin for internal speaker with EAPD support
◆ Presence detection up to 9 jacks
◆ Impedance and presence detection; retasking
◆ 5 adjustable microphone bias pins
◆ Digital and analog PCBeep
◆ 3 digital General-purpose I/O (GPIO) pins
◆ Multiple EAPD pins for external circuit control
◆ 3.3 V analog and digital supply voltages
◆ 1.5 V and 3.3 V HD Audio link signaling
◆ Advanced power management modes
◆ Available in 48-QFN package

Software
◆ Voice input enhancements
◆ Output enhancements

Applications
◆ Embedded Audio




Similar Part No. - AD1989B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1989B AD-AD1989B Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989BJCPZ AD-AD1989BJCPZ Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989BJCPZ-RL AD-AD1989BJCPZ-RL Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results


Similar Description - AD1989B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
114 dB, 192 kHz, 4-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com