Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet (PDF) - Cirrus Logic

CS5345 Datasheet PDF - Cirrus Logic
Part # CS5345
Download  CS5345 Download
File Size   697.34 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 105 DB 24BIT 192 KHZ STEREO AUDIO ADC

CS5345 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5345 Datasheet PDF - Cirrus Logic

Part # CS5345
Download  CS5345 Click to download

File Size   697.34 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 105 DB 24BIT 192 KHZ STEREO AUDIO ADC

CS5345 Datasheet (HTML) - Cirrus Logic


CS5345 Product details

General Description
The CS5345 integrates an analog multiplexer, programmable gain amplifier, and stereo audio analog-to-digital converter. The CS5345 performs stereo analog-to-digital (A/D) conversion of up to 24-bit serial values at sample rates up to 192 kHz.

A/D Features
♦ Multi-Bit Delta Sigma Modulator
♦ 104 dB Dynamic Range
♦ -95 dB THD+N
♦ Stereo 6:1 Input Multiplexer
♦ Programmable Gain Amplifier (PGA)
    – ± 12 dB Gain, 0.5 dB Step Size
    – Zero Crossing, Click-Free Transitions
♦ Stereo Microphone Inputs
    – +32 dB Gain Stage
    – Low-Noise Bias Supply
♦ Up to 192 kHz Sampling Rates
♦ Selectable Serial Audio Interface Formats
    – Left-Justified up to 24-bit
    – I²S up to 24-bit
♦ High-Pass Filter or DC Offset Calibration

System Features
♦ Power-Down Mode
♦ +3.3 V to +5 V Analog Power Supply, Nominal
♦ +3.3 V to +5 V Digital Power Supply, Nominal
♦ Direct Interface with 1.8 V to 5 V Logic Levels
♦ Pin-Compatible with CS4245




Similar Part No. - CS5345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-CQZ CIRRUS-CS5345-CQZ Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-CQZR CIRRUS-CS5345-CQZR Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-DQZ CIRRUS-CS5345-DQZ Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-DQZR CIRRUS-CS5345-DQZR Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
More results


Similar Description - CS5345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com