Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5345 Datasheet HTML 1Page - Cirrus Logic CS5345 Datasheet HTML 2Page - Cirrus Logic CS5345 Datasheet HTML 3Page - Cirrus Logic CS5345 Datasheet HTML 4Page - Cirrus Logic CS5345 Datasheet HTML 5Page - Cirrus Logic CS5345 Datasheet HTML 6Page - Cirrus Logic CS5345 Datasheet HTML 7Page - Cirrus Logic CS5345 Datasheet HTML 8Page - Cirrus Logic CS5345 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS5345
105 dB, 24-Bit, 192 kHz Stereo Audio ADC
JUNE ‘04
DS658A1
A/D Features
Multi-bit Delta Sigma modulator
105 dB dynamic range
-95 dB THD+N
Stereo 6:1 Input Multiplexer
Programmable Gain Amplifier (PGA)
– +/- 12 dB gain, 0.5 dB step size
– Zero crossing, click-free transitions
Stereo microphone inputs
– +32 dB gain stage
– Low noise bias supply
Up to 192 kHz sampling rates
Selectable serial audio interface formats
– Left justified up to 24-bit
– I²S up to 24-bit
High pass filter or DC offset calibration
System Features
Power down mode
+3.3 V to +5 V analog power supply, nominal
+3.3 V to +5 V digital power supply, nominal
Direct interface with 1.8 V to 5 V logic levels
Pin-compatible with CS4245
General Description
The CS5345 integrates an analog multiplexer, program-
mable gain amplifier, and stereo audio analog-to-digital
converter. The CS5345 performs stereo analog-to-digital
(A/D) conversion of up to 24-bit serial values at sample
rates up to 192 kHz.
A 6:1 stereo input multiplexer is included for selecting
between line level or microphone level inputs. The mi-
crophone input path includes a +32 dB gain stage and a
low noise bias voltage supply. The PGA is available for
line or microphone inputs and provides gain/attenuation
of
±12 dB in 0.5 dB steps.
The output of the PGA is followed by an advanced 5th-
order, multi-bit delta sigma modulator and digital filter-
ing/decimation. Sampled data is transmitted by the serial
audio interface at rates from 4 kHz to 192 kHz in either
slave or master mode.
Integrated level translators allow easy interfacing be-
tween the CS5345 and other devices operating over a
wide range of logic levels.
ORDERING INFORMATION
CS5345-CQZ -10° to 70° C
48-pin LQFP
CDB5345
Evaluation Board
1.8 V to 5 V
Line a r P hase
A nti-A lias F ilte r
Inte rna l V oltage
Re fe rence
Multibit
Oversa mpling
ADC
Multibit
Ove rsa mpling
AD C
Line a r P hase
A nti-A lias F ilte r
High P a ss
Filte r
High P a ss
Filte r
S tere o Input 1
Se rial
A udio
Output
3.3 V to 5 V
3.3 V to 5 V
MU X
PG A
Re gister C onfigura tion
Left PG A O utput
R ight P G A O utput
S tere o Input 2
S tere o Input 3
S tere o Input 4 /
Mic Input 1 & 2
S tere o Input 5
S tere o Input 6
PG A
+32 d B
+32 d B
Re se t
I²C /SPI
Control D ata
Inte rrupt
Ove rflow


Similar Part No. - CS5345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-CQZ CIRRUS-CS5345-CQZ Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-CQZR CIRRUS-CS5345-CQZR Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-DQZ CIRRUS-CS5345-DQZ Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS5345-DQZR CIRRUS-CS5345-DQZR Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
More results

Similar Description - CS5345

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com