Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 29Page - Cirrus Logic CS5345 Datasheet HTML 30Page - Cirrus Logic CS5345 Datasheet HTML 31Page - Cirrus Logic CS5345 Datasheet HTML 32Page - Cirrus Logic CS5345 Datasheet HTML 33Page - Cirrus Logic CS5345 Datasheet HTML 34Page - Cirrus Logic CS5345 Datasheet HTML 35Page - Cirrus Logic CS5345 Datasheet HTML 36Page - Cirrus Logic CS5345 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
CS5345
33
6.8.2
Analog Input Selection (Bits 2:0)
Function:
These bits are used to select the input source for the PGA and ADC. Please see Table 11 below.
6.9
Active Level Control - Address 0Ch
6.9.1
Active High/Low (Bit 0)
Function:
When this bit is set, the INT pin will function as an active high CMOS driver.
When this bit is cleared, the INT pin will function as an active low open drain driver and will require an
external pull-up resistor for proper operation.
6.10 Interrupt Status - Address 0Dh
For all bits in this register, a ‘1’ means the associated interrupt condition has occurred at least once
since the register was last read. A ‘0’ means the associated interrupt condition has NOT occurred
since the last reading of the register. Status bits that are masked off in the associated mask register
will always be ‘0’ in this register. This register defaults to 00h.
6.10.1 Clock Error (Bit 3)
Function:
Indicates the occurrence of a clock error condition.
Table 10. PGA Soft Cross or Zero Cross Mode Selection
PGASoft
PGAZeroCross
Mode
0
0
Changes to affect immediately
0
1
Zero Cross enabled
1
0
Soft Ramp enabled
1
1
Soft Ramp and Zero Cross enabled (default)
Table 11. Analog Input Multiplexer Selection
Sel2
Sel1
Sel0
PGA/ADC Input
0
0
0
Microphone Level Inputs (+32 dB Gain Enabled)
0
0
1
Line Level Input Pair 1
0
1
0
Line Level Input Pair 2
0
1
1
Line Level Input Pair 3
1
0
0
Line Level Input Pair 4
1
0
1
Line Level Input Pair 5
1
1
0
Line Level Input Pair 6
1
1
1
Reserved
76543
210
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Active_H/L
76543
210
Reserved
Reserved
Reserved
Reserved
ClkErr
Reserved
Ovfl
Undrfl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com