Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 20Page - Cirrus Logic CS5345 Datasheet HTML 21Page - Cirrus Logic CS5345 Datasheet HTML 22Page - Cirrus Logic CS5345 Datasheet HTML 23Page - Cirrus Logic CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic CS5345 Datasheet HTML 27Page - Cirrus Logic CS5345 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
CS5345
24
The CS5345 includes an auxiliary analog output through the PGAOUT pins. These pins can be configured to output
the analog input to the ADC as selected by the input MUX and gained or attenuated with the PGA, or alternatively,
they may be set to high-impedance. See the “PGAOut Source Select (Bit 6)” section on page 31 for information on
configuring the PGA auxiliary analog output.
The PGA auxiliary analog output can source very little current. As current from the PGAOUT pins increases, distor-
tion will increase. For this reason, a high input impedance buffer must be used on the PGAOUT pins to achieve full
performance. Refer to the PGAOUT Analog Characteristics table on page 12 for acceptable loading conditions.
4.7
Control Port Description and Timing
The control port is used to access the registers, allowing the CS5345 to be configured for the desired operational
modes and formats. The operation of the control port may be completely asynchronous with respect to the audio
sample rates. However, to avoid potential interference problems, the control port pins should remain static if no op-
eration is required.
The control port has 2 modes: SPI and I²C, with the CS5345 acting as a slave device. SPI mode is selected if there
is a high to low transition on the AD0/CS pin, after the RESET pin has been brought high. I²C mode is selected by
connecting the AD0/CS pin through a resistor to VLC or DGND, thereby permanently selecting the desired AD0 bit
address state.
4.7.1
SPI Mode
In SPI mode, CS is the CS5345 chip select signal, CCLK is the control port bit clock (input into the CS5345 from the
microcontroller), CDIN is the input data line from the microcontroller, CDOUT is the output data line to the microcon-
troller. Data is clocked in on the rising edge of CCLK and out on the falling edge.
Figure 10 shows the operation of the control port in SPI mode. To write to a register, bring CS low. The first seven
bits on CDIN form the chip address and must be 1001111. The eighth bit is a read/write indicator (R/W), which
should be low to write. The next eight bits form the Memory Address Pointer (MAP), which is set to the address of
the register that is to be updated. The next eight bits are the data which will be placed into the register designated
by the MAP. During writes, the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a
47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero, the MAP
will stay constant for successive read or writes. If INCR is set to a 1, the MAP will auto-increment after each byte is
read or written, allowing block reads or writes of successive registers.
To read a register, the MAP has to be set to the correct address by executing a partial write cycle which finishes (CS
high) immediately after the MAP byte. The MAP auto increment bit (INCR) may be set or not, as desired. To begin
a read, bring CS low, send out the chip address and set the read/write bit (R/W) high. The next falling edge of CCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com