Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 9Page - Cirrus Logic CS5345 Datasheet HTML 10Page - Cirrus Logic CS5345 Datasheet HTML 11Page - Cirrus Logic CS5345 Datasheet HTML 12Page - Cirrus Logic CS5345 Datasheet HTML 13Page - Cirrus Logic CS5345 Datasheet HTML 14Page - Cirrus Logic CS5345 Datasheet HTML 15Page - Cirrus Logic CS5345 Datasheet HTML 16Page - Cirrus Logic CS5345 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
CS5345
13
DC ELECTRICAL CHARACTERISTICS (AGND = DGND = 0 V, all voltages with respect to
ground. MCLK=12.288 MHz; Fs=48 kHz, Master Mode)
Notes: 9. Power Down Mode is defines as RESET = Low with all clock and data lines held static and no analog
input.
10. Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
11. Guaranteed by design. The DC current draw represents the allowed current draw due to typical leakage
through the electrolytic de-coupling capacitors.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current
VA = 5 V
(Normal Operation)
VA = 3.3 V
VD, VLS, VLC = 5 V
VD, VLS, VLC = 3.3 V
IA
IA
ID
ID
-
-
-
-
41
37
39
23
50
45
47
28
mA
mA
mA
mA
Power Supply Current.
VA = 5 V
(Power-Down Mode) (Note 9).
VLS, VLC, VD=5 V
IA
ID
-
-
0.30
0.54
-
-
mA
mA
Power Consumption
(Normal Operation).
VA, VD, VLS, VLC = 5 V
VA, VD, VLS, VLC = 3.3 V
(Power-Down Mode).
VA, VD, VLS, VLC = 5 V
-
-
-
-
-
-
400
198
4.2
485
241
-
mW
mW
mW
Power Supply Rejection Ratio
(1 kHz)
(Note 10)
PSRR
-
60
-
dB
VQ Characteristics
Quiescent Voltage
VQ
-
0.5 x VA
-
VDC
DC Current from VQ
(Note 11)
IQ
--
1
µA
VQ Output Impedance
ZQ
-23
-
k
Ω
FILT+ Nominal Voltage
FILT+
-
VA
-
VDC
Microphone Bias Voltage
MICBIAS
-
0.8 x VA
-
VDC
Current from MICBIAS
IMB
--
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com