Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 18Page - Cirrus Logic CS5345 Datasheet HTML 19Page - Cirrus Logic CS5345 Datasheet HTML 20Page - Cirrus Logic CS5345 Datasheet HTML 21Page - Cirrus Logic CS5345 Datasheet HTML 22Page - Cirrus Logic CS5345 Datasheet HTML 23Page - Cirrus Logic CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
CS5345
22
4.2.2
Master Mode
As a clock master, LRCK and SCLK will operate as outputs. LRCK and SCLK are internally derived from MCLK with
LRCK equal to Fs and SCLK equal to 64 x Fs as shown in Figure 8.
4.2.3
Slave Mode
In Slave mode, SCLK and LRCK operate as inputs. The Left/Right clock signal must be equal to the sample rate,
Fs, and must be synchronously derived from the supplied master clock, MCLK.
The serial bit clock, SCLK, must be synchronously derived from the master clock, MCLK, and be equal to 128x, 64x,
48x or 32x Fs depending on the desired speed mode. Refer to Table 3 for required clock ratios.
4.3
High Pass Filter and DC Offset Calibration
When using operational amplifiers in the input circuitry driving the CS5345, a small DC offset may be driven into the
A/D converter. The CS5345 includes a high pass filter after the decimator to remove any DC offset which could result
in recording a DC level, possibly yielding clicks when switching between devices in a multichannel system.
LRCK
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
384x
512x
768x
1024x
32
-
---
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
-
---
11.2896
16.9344
22.5792
33.8680
45.1584
48
-
---
12.2880
18.4320
24.5760
36.8640
49.1520
64
-
-
8.1920
12.2880
16.3840
24.5760
32.7680
-
-
88.2
-
-
11.2896
16.9344
22.5792
33.8680
45.1584
-
-
96
-
-
12.2880
18.4320
24.5760
36.8640
49.1520
-
-
128
8.1920
12.2880
16.3840
24.5760
32.7680
-
-
-
-
176.4
11.2896
16.9344
22.5792
33.8680
45.1584
-
-
-
-
192
12.2880
18.4320
24.5760
36.8640
49.1520
-
-
-
-
Mode
QSM
DSM
SSM
Table 2. Common Clock Frequencies
Single Speed
Double Speed
Quad Speed
SCLK/LRCK Ratio
32x, 48x, 64x, 128x
32x, 48x, 64x
32x, 48x, 64x
Table 3. Slave Mode Serial Bit Clock Ratios
÷256
÷128
÷64
÷4
÷2
÷1
00
01
10
00
01
10
LR C K
SC LK
000
001
010
÷1
÷1.5
÷2
011
100
÷3
÷4
MC LK
FM Bits
MC LK F re q Bits
Figure 8. Master Mode Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com