Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 23Page - Cirrus Logic CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic CS5345 Datasheet HTML 27Page - Cirrus Logic CS5345 Datasheet HTML 28Page - Cirrus Logic CS5345 Datasheet HTML 29Page - Cirrus Logic CS5345 Datasheet HTML 30Page - Cirrus Logic CS5345 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
CS5345
27
4.8
Interrupts and Overflow
The CS5345 has a comprehensive interrupt capability. The INT output pin is intended to drive the interrupt input pin
on the host microcontroller. The INT pin may function as either an active high CMOS driver or an active low open-
drain driver (see “Active High/Low (Bit 0)” on page 33). When configured as active low open-drain, the INT pin has
no active pull-up transistor, allowing it to be used for wired-OR hook-ups with multiple peripherals connected to the
microcontroller interrupt input pin. In this configuration, an external pull-up resistor must be placed on the INT pin for
proper operation.
Many conditions can cause an interrupt, as listed in the interrupt status register descriptions. See “Interrupt Status
- Address 0Dh” on page 33. Each source may be masked off through mask register bits. In addition, each source
may be set to rising edge, falling edge, or level sensitive. Combined with the option of level sensitive or edge sensi-
tive modes within the microcontroller, many different configurations are possible, depending on the needs of the
equipment designer.
The CS5345 also has a dedicated overflow output. The OVFL pin functions as active low open drain and has no
active pull-up transistor, thereby requiring an external pull-up resistor. The OVFL pin outputs an OR of the ADCOv-
erflow and ADCUnderflow conditions available in the Interrupt Status register, however, these conditions do not
need to be unmasked for proper operation of the OVFL pin.
4.9
Reset
When RESET is low, the CS5345 enters a low power mode and all internal states are reset, including the control
port and registers, and the outputs are muted. When RESET is high, the control port becomes operational and the
desired settings should be loaded into the control registers. Writing a 0 to the PDN bit in the Power Control register
will then cause the part to leave the low power state and begin operation.
The delta-sigma modulators settle in a matter of microseconds after the analog section is powered, either through
the application of power or by setting the RESET pin high. However, the voltage reference will take much longer to
reach a final value due to the presence of external capacitance on the FILT+ pin. During this voltage reference ramp
delay, SDOUT will be automatically muted.
It is recommended that RESET be activated if the analog or digital supplies drop below the recommended operating
condition to prevent power glitch related issues.
4.10 Synchronization of Multiple Devices
In systems where multiple ADCs are required, care must be taken to achieve simultaneous sampling. To ensure
synchronous sampling, the master clocks and left/right clocks must be the same for all of the CS5345’s in the sys-
tem. If only one master clock source is needed, one solution is to place one CS5345 in Master Mode, and slave all
of the other CS5345’s to the one master. If multiple master clock sources are needed, a possible solution would be
to supply all clocks from the same external source and time the CS5345 reset with the inactive edge of master clock.
This will ensure that all converters begin sampling on the same clock edge.
4.11 Grounding and Power Supply Decoupling
As with any high resolution converter, the CS5345 requires careful attention to power supply and grounding arrange-
ments if its potential performance is to be realized. Figure 7 shows the recommended power arrangements, with VA
connected to a clean supply. VD, which powers the digital filter, may be run from the system logic supply (VLS or
VLC) or may be powered from the analog supply (VA) via a resistor. In this case, no additional devices should be
powered from VD. Power supply decoupling capacitors should be as near to the CS5345 as possible, with the low
value ceramic capacitor being the nearest. All signals, especially clocks, should be kept away from the FILT+ and
VQ pins in order to avoid unwanted coupling into the modulators. The FILT+ and VQ decoupling capacitors, partic-
ularly the 0.1 µF, must be positioned to minimize the electrical path from FILT+ and AGND. The CS5345 evaluation
board demonstrates the optimum layout and power supply arrangements. To minimize digital noise, connect the
CS5345 digital outputs only to CMOS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com