Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5345
Description  105 DB 24BIT 192 KHZ STEREO AUDIO ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic CS5345 Datasheet HTML 27Page - Cirrus Logic CS5345 Datasheet HTML 28Page - Cirrus Logic CS5345 Datasheet HTML 29Page - Cirrus Logic CS5345 Datasheet HTML 30Page - Cirrus Logic CS5345 Datasheet HTML 31Page - Cirrus Logic CS5345 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
CS5345
28
5. REGISTER QUICK REFERENCE
This table shows the register names and their associated default values.
Addr
Function
7
6
5
4
3
2
1
0
01h
Chip ID
PART3
PART2
PART1
PART0
REV3
REV2
REV1
REV0
11
1
0
0
0
0
1
02h
Power Control
Freeze
Reserved
Reserved
Reserved
PDN_MIC
PDN_ADC
Reserved
PDN
00
0
0
0
0
0
1
03h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
1
0
0
0
04h
ADC Control
FM1
FM0
Reserved
DIF
Reserved
Mute
HPFFreeze
M/S
00
0
0
0
0
0
0
05h
MCLK
Frequency
Reserved
MCLK
Freq2
MCLK
Freq1
MCLK
Freq0
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
06h
PGAOut
Control
Reserved
PGAOut
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
01
0
0
0
0
0
0
07h
PGA Ch B Gain
Control
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
00
0
0
0
0
0
0
08h
PGA Ch A Gain
Control
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
00
0
0
0
0
0
0
09h
Analog Input
Control
Reserved
Reserved
Reserved
PGASoft
PGAZero
Sel2
Sel1
Sel0
00
0
1
1
0
0
1
0Ah -
0Bh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
0Ch Active Level
Control
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Active_H/L
11
0
0
0
0
0
0
0Dh Interrupt Status Reserved
Reserved
Reserved
EFTC
ClkErr
Reserved
ADCOvfl
ADCUndrfl
00
0
0
0
0
0
0
0Eh Interrupt Mask
Reserved
Reserved
Reserved
EFTCM
ClkErrM
Reserved
OvflM
UndrflM
00
0
0
0
0
0
0
0Fh
Interrupt Mode
MSB
Reserved
Reserved
Reserved
EFTC1
ClkErr1
Reserved
ADCOvfl1
ADCUndrfl1
00
0
0
0
0
0
0
10h
Interrupt Mode
LSB
Reserved
Reserved
Reserved
EFTC1
ClkErr1
Reserved
ADCOvfl1
ADCUndrfl1
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com