Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet (PDF) - Cirrus Logic

CS5346 Datasheet PDF - Cirrus Logic
Part # CS5346
Download  CS5346 Download
File Size   692.91 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux

CS5346 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5346 Datasheet PDF - Cirrus Logic

Part # CS5346
Download  CS5346 Click to download

File Size   692.91 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux

CS5346 Datasheet (HTML) - Cirrus Logic


CS5346 Product details

General Description

The CS5346 integrates an analog multiplexer, program mable gain amplifier, and stereo audio analog-to-digital

converter. The CS5346 performs stereo analog-to-digital (A/D) conversion of 24-bit serial values at sample rates up to 192 kHz.



ADC Features

Multi-bit Delta Sigma Modulator

103 dB Dynamic Range

-95 dB THD+N

Stereo 6:1 Input Multiplexer

Programmable Gain Amplifier (PGA)

– ± 12 dB Gain, 0.5 dB Step Size

– Zero-crossing, Click-free Transitions

Stereo Microphone Inputs

– +32 dB Gain Stage

– Low-noise Bias Supply

Up to 192 kHz Sampling Rates

Selectable 24-bit, Left-justified or I²S Serial Audio Interface Formats



System Features

Power-down Mode

+5 V Analog Power Supply, Nominal

+3.3 V Digital Power Supply, Nominal

Direct Interface with 3.3 V to 5 V Logic Levels

Pin Compatible with CS5345*

*See Section 2. on page 7for more details.




Similar Part No. - CS5346

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5340 CIRRUS-CS5340 Datasheet
436Kb / 24P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
436Kb / 24P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Similar Description - CS5346

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com