Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5346 Datasheet HTML 1Page - Cirrus Logic CS5346 Datasheet HTML 2Page - Cirrus Logic CS5346 Datasheet HTML 3Page - Cirrus Logic CS5346 Datasheet HTML 4Page - Cirrus Logic CS5346 Datasheet HTML 5Page - Cirrus Logic CS5346 Datasheet HTML 6Page - Cirrus Logic CS5346 Datasheet HTML 7Page - Cirrus Logic CS5346 Datasheet HTML 8Page - Cirrus Logic CS5346 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
DS861PP1
5
CS5346
1. PIN DESCRIPTIONS - CS5346
Pin Name
#
Pin Description
SDA/CDOUT
1
Serial Control Data (Input/Output) - SDA is a data I/O in I²C® Mode. CDOUT is the output data line for
the control port interface in SPITM Mode.
SCL/CCLK
2
Serial Control Port Clock (Input) - Serial clock for the serial control port.
AD0/CS
3
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C Mode;
CS is the chip-select signal for SPI format.
AD1/CDIN
4
Address Bit 1 (I²C) / Serial Control Data Input (SPI) (Input) - AD1 is a chip address pin in I²C Mode;
CDIN is the input data line for the control port interface in SPI Mode.
VLC
5
Control Port Power (Input) - Determines the required signal level for the control port interface. Refer
to the Recommended Operating Conditions for appropriate voltages.
RST
6
Reset (Input) - The device enters a low-power mode when this pin is driven low.
AIN3A
AIN3B
7
8
Stereo Analog Input 3 (Input) - The full-scale level is specified in the Analog Characteristics specifica-
tion table.
AIN2A
AIN2B
9
10
Stereo Analog Input 2 (Input) - The full-scale level is specified in the Analog Characteristics specifica-
tion table.
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
VLS
SDA/CDOUT
SCL/CCLK
AD0/CS
AD1/CDIN
VLC
RST
AIN3A
AIN3B
AIN2A
AIN2B
AIN1A
AIN1B
NC
NC
NC
AGND
NC
NC
PGAOUTB
PGAOUTA
AIN6B
AIN6A
MICBIAS
CS5346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com