Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 7Page - Cirrus Logic CS5346 Datasheet HTML 8Page - Cirrus Logic CS5346 Datasheet HTML 9Page - Cirrus Logic CS5346 Datasheet HTML 10Page - Cirrus Logic CS5346 Datasheet HTML 11Page - Cirrus Logic CS5346 Datasheet HTML 12Page - Cirrus Logic CS5346 Datasheet HTML 13Page - Cirrus Logic CS5346 Datasheet HTML 14Page - Cirrus Logic CS5346 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DS861PP1
11
CS5346
ANALOG CHARACTERISTICS (AUTOMOTIVE)
Test conditions (unless otherwise specified): VA = 5.0 V +/- 5%; VD = VLS = VLC = 3.3 V +/- 5%;
AGND = DGND = 0 V; TA = -40° to +85° C; Input test signal: 1 kHz sine wave; measurement bandwidth is 10 Hz to
20 kHz; Fs = 48/96/192 kHz; PGA gain = 0 dB; All connections as shown in Figure 7 on page 20.
7.
Valid for Double- and Quad-Speed Modes only.
8.
Referred to the typical A/D full-scale input voltage
9.
Valid when the microphone-level inputs are selected.
Parameter
Symbol
Min
Typ
Max
Unit
Analog-to-Digital Converter Characteristics
Dynamic Range (Line Level Inputs)
A-weighted
unweighted
(Note 3)
40 kHz bandwidth unweighted
95
92
-
103
100
98
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise (Line Level Inputs)
(Note 4)
-1 dB
-20 dB
-60 dB
(Note 3)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-95
-80
-40
-92
-87
-
-
-
dB
dB
dB
dB
Dynamic Range (Mic Level Inputs)
A-weighted
(Note 3)
unweighted
75
72
83
80
-
-
dB
dB
Total Harmonic Distortion + Noise (Mic Level Inputs)
(Note 4)
-1 dB
-20 dB
(Note 3)
-60 dB
THD+N
-
-
-
-80
-60
-20
-72
-
-
dB
dB
dB
Interchannel Isolation
(Line Level Inputs)
(Mic Level Inputs)
-
-
90
80
-
-
dB
dB
A/D Full-scale Input Voltage
0.51*VA 0.57*VA 0.63*VA
Vpp
Gain Error
--
±10
%
Interchannel Gain Mismatch
-
0.1
-
dB
Microphone - Level Input Characteristics
Preamplifier Gain
31
35.48
32
40
33
44.67
dB
V/V
Interchannel Gain Mismatch
-
0.1
-
dB
Input Impedance
(Note 5)
-60-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com