Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 12Page - Cirrus Logic CS5346 Datasheet HTML 13Page - Cirrus Logic CS5346 Datasheet HTML 14Page - Cirrus Logic CS5346 Datasheet HTML 15Page - Cirrus Logic CS5346 Datasheet HTML 16Page - Cirrus Logic CS5346 Datasheet HTML 17Page - Cirrus Logic CS5346 Datasheet HTML 18Page - Cirrus Logic CS5346 Datasheet HTML 19Page - Cirrus Logic CS5346 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
DS861PP1
CS5346
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT
Logic ‘0’ = DGND = AGND = 0 V; Logic ‘1’ = VLS, CL = 20 pF. (Note 16)
16. See Figure 1 and Figure 2 on page 17.
Parameter
Symbol
Min
Typ
Max
Unit
Sample Rate
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
8
50
100
-
-
-
50
100
200
kHz
kHz
kHz
MCLK Specifications
MCLK Frequency
fmclk
2.048
-
51.200
MHz
MCLK Input Pulse Width High/Low
tclkhl
8-
-
ns
Master Mode
LRCK Duty Cycle
-
50
-
%
SCLK Duty Cycle
-
50
-
%
SCLK falling to LRCK edge
tslr
-10
-
10
ns
SCLK falling to SDOUT valid
tsdo
0-
36
ns
Slave Mode
LRCK Duty Cycle
40
50
60
%
SCLK Period
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
tsclkw
tsclkw
tsclkw
-
-
-
-
-
-
ns
ns
ns
SCLK Pulse Width High
tsclkh
30
-
-
ns
SCLK Pulse Width Low
tsclkl
48
-
-
ns
SCLK falling to LRCK edge
tslr
-10
-
10
ns
SCLK falling to SDOUT valid
tsdo
0-
36
ns
10
9
128
()Fs
---------------------
10
9
64
()Fs
------------------
10
9
64
()Fs
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com