Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 20Page - Cirrus Logic CS5346 Datasheet HTML 21Page - Cirrus Logic CS5346 Datasheet HTML 22Page - Cirrus Logic CS5346 Datasheet HTML 23Page - Cirrus Logic CS5346 Datasheet HTML 24Page - Cirrus Logic CS5346 Datasheet HTML 25Page - Cirrus Logic CS5346 Datasheet HTML 26Page - Cirrus Logic CS5346 Datasheet HTML 27Page - Cirrus Logic CS5346 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
DS861PP1
CS5346
demonstrates a simple solution. The 1800 pF capacitors in the low-pass filter should be C0G or equivalent
to avoid distortion issues
.
5.5.2
Analog Input Configuration for 2 VRMS Input Levels
The CS5346 can also be easily configured to support an external 2 VRMS input signal, as shown in
Figure 13. In this configuration, the 2 VRMS input signal is attenuated to 1.5 VRMS at the analog input with
the external 12 k
Ω resistor and the input impedance to the network is increased to 48 kΩ. The PGA gain
must also be configured to attenuate the 1.5 VRMS at the input pin to the 1.0 VRMS maximum A/D input level
to prevent clipping in the ADC.
36 k
VCM
9 k
to 144 k
A/ D Input
-
+
Ω
Ω
Ω
Analog Input
CS5346
Figure 10. CS5346 PGA
36 k
VCM
9 k
to 144 k
A/ D Input
-
+
Ω
Ω
Ω
2. 2 µF
100 k
Ω
Analog Input
CS5346
Figure 11. 1 VRMS Input Circuit
36 k
VCM
9 k
to 144 k
A/ D Input
-
+
Ω
Ω
Ω
2. 2 µF
1800 pF
100 k
Ω
100
Ω
Analog Input
CS5346
Figure 12. 1 VRMS Input Circuit with RF Filtering
36 k
VCM
9 k
to 144 k
A/ D Input
-
+
2. 2 µF
18 pF
100 k
Ω
12 k
Ω
Analog Input
Ω
Ω
Ω
CS5346
Figure 13. 2 VRMS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com