Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 17Page - Cirrus Logic CS5346 Datasheet HTML 18Page - Cirrus Logic CS5346 Datasheet HTML 19Page - Cirrus Logic CS5346 Datasheet HTML 20Page - Cirrus Logic CS5346 Datasheet HTML 21Page - Cirrus Logic CS5346 Datasheet HTML 22Page - Cirrus Logic CS5346 Datasheet HTML 23Page - Cirrus Logic CS5346 Datasheet HTML 24Page - Cirrus Logic CS5346 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DS861PP1
21
CS5346
5. APPLICATIONS
5.1
Recommended Power-Up Sequence
1.
Hold RST low until the power supply, MCLK, and LRCK are stable. In this state, the Control Port is reset
to its default settings.
2.
Bring RST high. The device will remain in a low power state with the PDN bit set by default. The control
port will be accessible.
3.
The desired register settings can be loaded while the PDN bit remains set.
4.
Clear the PDN bit to initiate the power-up sequence.
5.2
System Clocking
The CS5346 will operate at sampling frequencies from 8 kHz to 200 kHz. This range is divided into three
speed modes as shown in Table 1.
5.2.1
Master Clock
MCLK/LRCK must maintain an integer ratio as shown in Table 2. The LRCK frequency is equal to Fs, the
frequency at which audio samples for each channel are clocked out of the device. The FM bits (See “Func-
tional Mode (Bits 7:6)” on page 31.) and the MCLK Freq bits (See “MCLK Frequency - Address 05h” on
page 32.) configure the device to generate the proper clocks in Master Mode and receive the proper
clocks in Slave Mode. Table 2 illustrates several standard audio sample rates and the required MCLK and
LRCK frequencies.
Mode
Sampling Frequency
Single-Speed
8-50 kHz
Double-Speed
50-100 kHz
Quad-Speed
100-200 kHz
Table 1. Speed Modes
LRCK
(kHz)
MCLK (MHz)
* 64x
* 96x
128x
192x
256x
384x
512x
768x
1024x
32
-
---
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
-
---
11.2896
16.9344
22.5792
33.8680
45.1584
48
-
---
12.2880
18.4320
24.5760
36.8640
49.1520
64
-
-
8.1920
12.2880
16.3840
24.5760
32.7680
-
-
88.2
-
-
11.2896
16.9344
22.5792
33.8680
45.1584
-
-
96
-
-
12.2880
18.4320
24.5760
36.8640
49.1520
-
-
128
8.1920
12.2880
16.3840
24.5760
32.7680
-
-
-
-
176.4
11.2896
16.9344
22.5792
33.8680
45.1584
-
-
-
-
192
12.2880
18.4320
24.5760
36.8640
49.1520
-
-
-
-
Mode
QSM
DSM
SSM
* Only available in master mode.
Table 2. Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com