Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 25Page - Cirrus Logic CS5346 Datasheet HTML 26Page - Cirrus Logic CS5346 Datasheet HTML 27Page - Cirrus Logic CS5346 Datasheet HTML 28Page - Cirrus Logic CS5346 Datasheet HTML 29Page - Cirrus Logic CS5346 Datasheet HTML 30Page - Cirrus Logic CS5346 Datasheet HTML 31Page - Cirrus Logic CS5346 Datasheet HTML 32Page - Cirrus Logic CS5346 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DS861PP1
29
CS5346
6. REGISTER QUICK REFERENCE
This table shows the register names and their associated default values.
Addr
Function
7
6
5
4
3
2
1
0
01h
Chip ID
PART3
PART2
PART1
PART0
REV3
REV2
REV1
REV0
pg. 30
11
0
0
x
x
x
x
02h
Power Control
Freeze
Reserved
Reserved
Reserved
PDN_MIC
PDN_ADC
Reserved
PDN
pg. 30
00
0
0
0
0
0
1
03h
Reserved
Reserved Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
1
0
0
0
04h
ADC Control
FM1
FM0
Reserved
DIF
Reserved
Mute
HPFFreeze
M/S
pg. 31
00
0
0
0
0
0
0
05h
MCLK
Frequency
Reserved
MCLK
Freq2
MCLK
Freq1
MCLK
Freq0
Reserved
Reserved
Reserved
Reserved
pg. 32
00
0
0
0
0
0
0
06h
PGAOut
Control
Reserved
PGAOut
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
pg. 32
01
0
0
0
0
0
0
07h
PGA Ch B
Gain Control
Reserved Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
pg. 32
00
0
0
0
0
0
0
08h
PGA Ch A
Gain Control
Reserved Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
pg. 33
00
0
0
0
0
0
0
09h
Analog Input
Control
Reserved Reserved
Reserved
PGASoft
PGAZero
Sel2
Sel1
Sel0
pg. 33
00
0
1
1
0
0
1
0Ah -
0Bh
Reserved
Reserved Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
0Ch
Active Level
Control
Reserved Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Active_H/L
pg. 34
11
0
0
0
0
0
0
0Dh
Interrupt Status Reserved Reserved
Reserved
Reserved
ClkErr
Reserved
Ovfl
Undrfl
pg. 34
00
0
0
0
0
0
0
0Eh
Interrupt Mask
Reserved Reserved
Reserved
Reserved
ClkErrM
Reserved
OvflM
UndrflM
pg. 35
00
0
0
0
0
0
0
0Fh
Interrupt Mode
MSB
Reserved Reserved
Reserved
Reserved
ClkErr1
Reserved
Ovfl1
Undrfl1
pg. 35
00
0
0
0
0
0
0
10h
Interrupt Mode
LSB
Reserved Reserved
Reserved
Reserved
ClkErr0
Reserved
Ovfl0
Undrfl0
pg. 35
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com