Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 28Page - Cirrus Logic CS5346 Datasheet HTML 29Page - Cirrus Logic CS5346 Datasheet HTML 30Page - Cirrus Logic CS5346 Datasheet HTML 31Page - Cirrus Logic CS5346 Datasheet HTML 32Page - Cirrus Logic CS5346 Datasheet HTML 33Page - Cirrus Logic CS5346 Datasheet HTML 34Page - Cirrus Logic CS5346 Datasheet HTML 35Page - Cirrus Logic CS5346 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
DS861PP1
CS5346
7.4
MCLK Frequency - Address 05h
7.4.1
Master Clock Dividers (Bits 6:4)
Function:
Sets the frequency of the supplied MCLK signal. See Table 8 for the appropriate settings.
7.5
PGAOut Control - Address 06h
7.5.1
PGAOut Source Select (Bit 6)
Function:
This bit is used to configure the PGAOut pins to be either high impedance or PGA outputs. Refer to
Table 9.
7.6
Channel B PGA Control - Address 07h
7.6.1
Channel B PGA Gain (Bits 5:0)
Function:
See “Channel A PGA Gain (Bits 5:0)” on page 33.
76
543
21
0
Reserved
MCLK
Freq2
MCLK
Freq1
MCLK
Freq0
Reserved
Reserved
Reserved
Reserved
MCLK Divider
MCLK Freq2
MCLK Freq1
MCLK Freq0
÷1
000
÷1.5
001
÷2
010
÷3
011
÷4
100
Reserved
101
Reserved
11
x
Table 8. MCLK Frequency
76
543
21
0
Reserved
PGAOut
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PGAOut
PGAOutA & PGAOutB
0
High Impedance
1
PGA Output
Table 9. PGAOut Source Selection
76
543
21
0
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com