Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 31Page - Cirrus Logic CS5346 Datasheet HTML 32Page - Cirrus Logic CS5346 Datasheet HTML 33Page - Cirrus Logic CS5346 Datasheet HTML 34Page - Cirrus Logic CS5346 Datasheet HTML 35Page - Cirrus Logic CS5346 Datasheet HTML 36Page - Cirrus Logic CS5346 Datasheet HTML 37Page - Cirrus Logic CS5346 Datasheet HTML 38Page - Cirrus Logic CS5346 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DS861PP1
35
CS5346
7.10.1
Clock Error (Bit 3)
Function:
Indicates the occurrence of a clock error condition.
7.10.2
Overflow (Bit 1)
Function:
Indicates the occurrence of an ADC overflow condition.
7.10.3
Underflow (Bit 0)
Function:
Indicates the occurrence of an ADC underflow condition.
7.11
Status Mask - Address 0Eh
Function:
The bits of this register serve as a mask for the Status sources found in the register “Status - Address 0Dh”
on page 34. If a mask bit is set to 1, the error is unmasked, meaning that its occurrence will affect the status
register. If a mask bit is set to 0, the error is masked, meaning that its occurrence will not affect the status
register. The bit positions align with the corresponding bits in the Status register.
7.12
Status Mode MSB - Address 0Fh
7.13
Status Mode LSB - Address 10h
Function:
The two Status Mode registers form a 2-bit code for each Status register function. There are three ways to
update the Status register in accordance with the status condition. In the Rising-Edge Active Mode, the sta-
tus bit becomes active on the arrival of the condition. In the Falling-Edge Active Mode, the status bit be-
comes active on the removal of the condition. In Level-Active Mode, the status bit is active during the
condition.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
ClkErrM
Reserved
OvflM
UndrflM
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
ClkErr1
Reserved
Ovfl1
Undrfl1
Reserved
Reserved
Reserved
Reserved
ClkErr0
Reserved
Ovfl0
Undrfl0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com