Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 3Page - Cirrus Logic CS5346 Datasheet HTML 4Page - Cirrus Logic CS5346 Datasheet HTML 5Page - Cirrus Logic CS5346 Datasheet HTML 6Page - Cirrus Logic CS5346 Datasheet HTML 7Page - Cirrus Logic CS5346 Datasheet HTML 8Page - Cirrus Logic CS5346 Datasheet HTML 9Page - Cirrus Logic CS5346 Datasheet HTML 10Page - Cirrus Logic CS5346 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DS861PP1
7
CS5346
2. PIN COMPATIBILITY - CS5345/CS5346 DIFFERENCES
The CS5346 is pin compatible with the CS5345 and is a drop in replacement for CS5345 applications where
VA = 5 V, VD = 3.3 V, VLS
≥ 3.3 V, and VLC ≥ 3.3 V. The pinout diagram and table below show the requirements
for the remaining pins when replacing the CS5345 in these designs with a CS5346.
#
CS5345
Pin Name
CS5346
Pin Name
CS5346
Connection for Compatibility
5VLC
VLC
Control Port Power (Input) -Limited to nominal 5 or 3.3 V.
14
VA
VA
Analog Power (Input) - Limited to nominal 5 V.
18
TSTO
VQ
This pin must be left unconnected.
20
TSTI
NC
This pin should be tied to ground.
30
VA
NC
This pin may be connected to the analog supply voltage. The decoupling capacitor for the
CS5345 is not required.
31
AGND
NC
This pin should be connected to ground.
35
TSTO
NC
This pin may be left unconnected.
36
VLS
VLS
Serial Audio Interface Power (Input) - Limited to nominal 5 or 3.3 V.
37
TSTI
NC
This pin should be tied to ground.
46
VD
VD
Digital Power (Input) - Limited to nominal 3.3 V
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
VLS
SDA/CDOUT
SCL/CCLK
AD0/CS
AD1/CDIN
VLC
RST
AIN3A
AIN3B
AIN2A
AIN2B
AIN1A
AIN1B
TSTO
NC
NC
AGND
AGND
VA
PGAOUTB
PGAOUTA
AIN6B
AIN6A
MICBIAS
CS5345
Compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com