Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 6Page - Cirrus Logic CS5346 Datasheet HTML 7Page - Cirrus Logic CS5346 Datasheet HTML 8Page - Cirrus Logic CS5346 Datasheet HTML 9Page - Cirrus Logic CS5346 Datasheet HTML 10Page - Cirrus Logic CS5346 Datasheet HTML 11Page - Cirrus Logic CS5346 Datasheet HTML 12Page - Cirrus Logic CS5346 Datasheet HTML 13Page - Cirrus Logic CS5346 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
DS861PP1
CS5346
ANALOG CHARACTERISTICS (COMMERCIAL) CONT.
6.
Referred to the typical A/D Full-Scale Input Voltage.
Parameter
Symbol
Min
Typ
Max
Unit
Line-Level Input and Programmable Gain Amplifier
Gain Range
- 12
-4
-
-
+ 12
+4
dB
V/V
Gain Step Size
-0.5
-
dB
Absolute Gain Step Error
-
-
0.4
dB
Maximum Input Level
-
-
0.85*VA
Vpp
Input Impedance
Selected inputs
Un-selected inputs
28.8
-
36
-
43.2
38
k
Ω
k
Ω
Selected Interchannel Input Impedance Mismatch
-
5
-
%
Analog Outputs
Dynamic Range (Line Level Inputs)
A-weighted
unweighted
98
95
104
101
-
-
dB
dB
Total Harmonic Distortion + Noise (Line Level Inputs)
(Note 6)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-80
-81
-41
-74
-
-
dB
dB
dB
Dynamic Range (Mic Level Inputs)
A-weighted
unweighted
77
74
83
80
-
-
dB
dB
Total Harmonic Distortion + Noise (Mic Level Inputs)
(Note 6)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-74
-60
-20
-68
-
-
dB
dB
dB
Frequency Response 10 Hz to 20 kHz
-0.1dB
-
+0.1dB
dB
Analog In to Analog Out Phase Shift
-
180
-
deg
DC Current draw from a PGAOUT pin
IOUT
--
1
µA
AC-Load Resistance
RL
100
-
-
k
Ω
Load Capacitance
CL
--
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com