Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 16Page - Cirrus Logic CS5346 Datasheet HTML 17Page - Cirrus Logic CS5346 Datasheet HTML 18Page - Cirrus Logic CS5346 Datasheet HTML 19Page - Cirrus Logic CS5346 Datasheet HTML 20Page - Cirrus Logic CS5346 Datasheet HTML 21Page - Cirrus Logic CS5346 Datasheet HTML 22Page - Cirrus Logic CS5346 Datasheet HTML 23Page - Cirrus Logic CS5346 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
DS861PP1
CS5346
4. TYPICAL CONNECTION DIAGRAM
VLS
0.1 µF
+3.3V
to +5V
DGND
VLC
0.1 µF
+3.3V
to +5V
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
2 k
Ω
See Note 1
AD0/CS
Note 1: Resistors are required
for I²C control port operation
Micro-
Controller
* Refer to Section 4.5
Digital Audio
Capture
LRCK
SDOUT
MCLK
SCLK
PGAOUTA
PGAOUTB
2.2nF
AFILTA
AFILTB
OVFL
2.2nF
3.3 µF
3.3 µF
47 µF
0.1 µF
VQ
FILT+
10 µF
AGND
**
2 k
Ω
INT
47 µF
AIN1A
Left Analog Input 1
AIN1B
Right Analog Input 1
AIN2A
Left Analog Input 2
AIN2B
Right Analog Input 2
AIN3A
Left Analog Input 3
AIN3B
Right Analog Input 3
AIN4A/MICIN1
Left Analog Input 4
AIN4B/MICIN2
Right Analog Input 4
AIN5A
Left Analog Input 5
AIN5B
Right Analog Input 5
AIN6A
Left Analog Input 6
AIN6B
Right Analog Input 6
MICBIAS
AGND
0.1 µF
NC
NC
NC
NC
NC
NC
NC
NC
NC
10 µF
+3.3V
0.1 µF
10 µF
0.1 µF
VA
VD
+5V
RL See Note 2
Note 2 The value of RL is
dictated by the microphone
carteridge.
CS5346
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
Analog Input *
VQ
Figure 7. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com