Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 2Page - Cirrus Logic CS5346 Datasheet HTML 3Page - Cirrus Logic CS5346 Datasheet HTML 4Page - Cirrus Logic CS5346 Datasheet HTML 5Page - Cirrus Logic CS5346 Datasheet HTML 6Page - Cirrus Logic CS5346 Datasheet HTML 7Page - Cirrus Logic CS5346 Datasheet HTML 8Page - Cirrus Logic CS5346 Datasheet HTML 9Page - Cirrus Logic CS5346 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
DS861PP1
CS5346
AIN1A
AIN1B
11
12
Stereo Analog Input 1 (Input) - The full-scale level is specified in the Analog Characteristics specifica-
tion table.
AGND
13
Analog Ground (Input) - Ground reference for the internal analog section.
VA
14
Analog Power (Input) - Positive power for the internal analog section.
AFILTA
15
Anti-alias Filter Connection (Output) - Antialias filter connection for the channel A ADC input.
AFILTB
16
Anti-alias Filter Connection (Output) - Antialias filter connection for the channel B ADC input.
VQ
17
18
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage.
FILT+
19
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
NC
20
No Connect - This pin is not connected internally and should be tied to ground to minimize any poten-
tial coupling effects.
AIN4A/MICIN1
AIN4B/MICIN2
21
22
Stereo Analog Input 4 / Microphone Input 1 & 2 (Input) - The full-scale level is specified in the Ana-
log Characteristics specification table.
AIN5A
AIN5B
23
24
Stereo Analog Input 5 (Input) - The full-scale level is specified in the Analog Characteristics specifica-
tion table.
MICBIAS
25
Microphone Bias Supply (Output) - Low-noise bias supply for external microphone. Electrical charac-
teristics are specified in the DC Electrical Characteristics specification table.
AIN6A
AIN6B
26
27
Stereo Analog Input 6 (Input) - The full-scale level is specified in the Analog Characteristics specifica-
tion table.
PGAOUTA
PGAOUTB
28
29
PGA Analog Audio Output (Output) - Either an analog output from the PGA block or high impedance.
See “PGAOut Source Select (Bit 6)” on page 32.
NC
30
31
No Connect - These pins are not connected internally and should be tied to ground to minimize any
potential coupling effects.
AGND
32
Analog Ground (Input) - Ground reference for the internal analog section.
NC
33
34
35
No Connect - These pins are not connected internally and should be tied to ground to minimize any
potential coupling effects.
VLS
36
Serial Audio Interface Power (Input) - Determines the required signal level for the serial audio inter-
face. Refer to the Recommended Operating Conditions for appropriate voltages.
NC
37
38
39
40
No Connect - These pins are not connected internally and should be tied to ground to minimize any
potential coupling effects.
SDOUT
41
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
SCLK
42
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
LRCK
43
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
44
Master Clock (Input) - Clock source for the ADC’s delta-sigma modulators.
DGND
45
Digital Ground (Input) - Ground reference for the internal digital section.
VD
46
Digital Power (Input) - Positive power for the internal digital section.
INT
47
Interrupt (Output) - Indicates an interrupt condition has occurred.
OVFL
48
Overflow (Output) - Indicates an ADC overflow condition is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com