Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5346 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5346 Datasheet HTML 9Page - Cirrus Logic CS5346 Datasheet HTML 10Page - Cirrus Logic CS5346 Datasheet HTML 11Page - Cirrus Logic CS5346 Datasheet HTML 12Page - Cirrus Logic CS5346 Datasheet HTML 13Page - Cirrus Logic CS5346 Datasheet HTML 14Page - Cirrus Logic CS5346 Datasheet HTML 15Page - Cirrus Logic CS5346 Datasheet HTML 16Page - Cirrus Logic CS5346 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DS861PP1
13
CS5346
DIGITAL FILTER CHARACTERISTICS
11. Response is clock-dependent and will scale with Fs. Note that the response plots (Figures 17 to 28) are
normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
12. Response shown is for Fs = 48 kHz.
Parameter (Note 11)
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Passband
(-0.1 dB)
0
-
0.4896
Fs
Passband Ripple
-
-
0.035
dB
Stopband
0.5688
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-12/Fs
-
s
Double-Speed Mode
Passband
(-0.1 dB)
0
-
0.4896
Fs
Passband Ripple
-
-
0.025
dB
Stopband
0.5604
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
Quad-Speed Mode
Passband
(-0.1 dB)
0
-
0.2604
Fs
Passband Ripple
-
-
0.025
dB
Stopband
0.5000
-
-
Fs
Stopband Attenuation
60
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs
-
s
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 12)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 12)
-10
-
Deg
Passband Ripple
--
0
dB
Filter Settling Time
105/Fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com