Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS305 Datasheet (PDF) - Hexawave, Inc

HWS305 Datasheet PDF - Hexawave, Inc
Part # HWS305
Download  HWS305 Download
File Size   122.12 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS305 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS305 Datasheet PDF - Hexawave, Inc

Part # HWS305
Download  HWS305 Click to download

File Size   122.12 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS305 Datasheet (HTML) - Hexawave, Inc


HWS305 Product details

Description
The HWS305 is a GaAs MMIC SPDT switch in a low cost SOT-26 plastic package. The HWS305 features low insertion loss with very low DC power consumption. This general purpose switch can be used in analog and digital wireless communication systems.

Features
• Low Insertion Loss: 0.35 dB @ 2 GHz
• Isolation: 26 dB @ 2 GHz
• P1dB: +25 dBm Typical @ +3V
• IP3: 43 dBm
• Low DC Power Consumption
• Low Cost SOT-26 Plastic Package




Similar Part No. - HWS305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-12 ETC2-HWS30-12 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-12A ETC2-HWS30-12A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS30-12A TDK-HWS30-12A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS30-15 ETC2-HWS30-15 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-15A ETC2-HWS30-15A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results


Similar Description - HWS305

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com