Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS314 Datasheet (PDF) - Hexawave, Inc

HWS314 Datasheet PDF - Hexawave, Inc
Part # HWS314
Download  HWS314 Download
File Size   115.66 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS314 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS314 Datasheet PDF - Hexawave, Inc

Part # HWS314
Download  HWS314 Click to download

File Size   115.66 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS314 Datasheet (HTML) - Hexawave, Inc


HWS314 Product details

Description
The HWS314 is a GaAs SPDT switch operating at DC-2.5 GHz in a low cost SOT-363 plastic package. The HWS314 features low insertion loss with very low DC power consumption. This switch can be used in IEEE 802.11b/g WLAN systems for combination of transmit/receive and antenna diversity functions.

Features
• Low Insertion Loss: 0.4 dB @ 2.5 GHz
• Isolation: 25 dB @ 2.5 GHz
• Low DC Power Consumption
• Low Cost SOT-363 Plastic Package




Similar Part No. - HWS314

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS311 HW-HWS311 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Similar Description - HWS314

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS305 HW-HWS305 Datasheet
122Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com