Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL219B083 Datasheet (PDF) - Torex Semiconductor

XCL219B083 Datasheet PDF - Torex Semiconductor
Part # XCL219B083
Download  XCL219B083 Download
File Size   1008.96 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters

XCL219B083 Datasheet (PDF)

Go To PDF Page Download Datasheet
XCL219B083 Datasheet PDF - Torex Semiconductor

Part # XCL219B083
Download  XCL219B083 Click to download

File Size   1008.96 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters

XCL219B083 Datasheet (HTML) - Torex Semiconductor


XCL219B083 Product details

■GENERAL DESCRIPTION
The XCL219/XCL220 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC in one tiny package (2.0mm×2.5mm, h=1.0mm). An internal coil simplifies the circuit and enables minimization of noise and other operational trouble due to the circuit wiring. A wide operating voltage range of 2.5V to 5.5V enables support for applications that require an internally fixed output voltage (0.8V to 3.6V). The XCL219/XCL220 series uses synchronous rectification at an operating frequency of 3.0MHz. The XCL219/XCL220 series uses HiSAT-COT synchronous rectification. HiSAT-COT+PWM control (XCL219) or HiSAT-COT+automatic PWM/PFM switching control (XCL220) can be selected.
The series have a high speed soft-start as fast as 0.3ms in typical for quick turn-on.With the built-in UVLO function, the internal P-channel driver transistor is forced OFF when input voltage becomes 2.0V or lower.When CE=Low, the integrated CL discharge function which enables the electric charge at the output capacitor CL to be discharged via the internal discharge switch located between the LX and VSS pins. The power consumption will be less than 1.0μA.

■APPLICATIONS
●Note Book PC
●Tablet PC
●SSD(Solid State Drive)
●Mobile phone
●Digital still camera
●Portable game machine

■FEATURES
Input Voltage : 2.5V ~ 5.5V
Output Voltage : 0.8V ~ 3.6V(±2.0%)
Oscillation Frequency : 3.0MHz
Output Current : 1.0A
Efficiency : 93% (VIN=5.0V, VOUT=3.3V/300mA)
Control Methods : HiSAT-COT
100% Duty Cycle
HiSAT-COT+PWM (XCL219)
HiSAT-COT+PWM/PFM (XCL220)
Circuit Protection : Thermal Shut Down
Current Limit Circuit (Drop)
Short Circuit Protection (Latch)
Functions : Soft-start Circuit Built-in
UVLO
CL Discharge
Output Capacitor : Low ESR Ceramic Capacitor
Operating Ambient Temperature : -40℃~ +105℃
Package : CL-2025-02
Environmental Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XCL219B083

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results


Similar Description - XCL219B083

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com