Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9258 Datasheet (PDF) - Torex Semiconductor

XC9258 Datasheet PDF - Torex Semiconductor
Part # XC9258
Download  XC9258 Download
File Size   1966.27 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description COT Control, 1.0A Synchronous Step-Down DC/DC Converters

XC9258 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9258 Datasheet PDF - Torex Semiconductor

Part # XC9258
Download  XC9258 Click to download

File Size   1966.27 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description COT Control, 1.0A Synchronous Step-Down DC/DC Converters

XC9258 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9258

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A083QR-G TOREX-XC9250A083QR-G Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A085QR-G TOREX-XC9250A085QR-G Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B083QR-G TOREX-XC9250B083QR-G Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B085QR-G TOREX-XC9250B085QR-G Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
More results


Similar Description - XC9258

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com