Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9266 Datasheet (PDF) - Torex Semiconductor

XC9266 Datasheet PDF - Torex Semiconductor
Part # XC9266
Download  XC9266 Download
File Size   1379.56 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description COT Control, 6.0A Synchronous Step-Down DC/DC Converters

XC9266 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9266 Datasheet PDF - Torex Semiconductor

Part # XC9266
Download  XC9266 Click to download

File Size   1379.56 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description COT Control, 6.0A Synchronous Step-Down DC/DC Converters

XC9266 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9266

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CER-G TOREX-XC9260A08CER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CPR-G TOREX-XC9260A08CPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DER-G TOREX-XC9260A08DER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DPR-G TOREX-XC9260A08DPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results


Similar Description - XC9266

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com