Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS398 Datasheet (PDF) - Hexawave, Inc

HWS398 Datasheet PDF - Hexawave, Inc
Part # HWS398
Download  HWS398 Download
File Size   116.63 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS398 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS398 Datasheet PDF - Hexawave, Inc

Part # HWS398
Download  HWS398 Click to download

File Size   116.63 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS398 Datasheet (HTML) - Hexawave, Inc


HWS398 Product details

Description
The HWS398 is a GaAs SPDT switch operating at DC-6 GHz in a low cost SOT-363 plastic package. The HWS398 features low insertion loss with very low DC power consumption. This switch can be used in IEEE 802.11a/b/g WLAN systems for combination of transmit/receive and antenna diversity functions.

Features
• Low Insertion Loss: 0.4 dB @ 2.5 GHz 0.8 dB @ 5.8 GHz
• Isolation: 26 dB @ 2.5 GHz 16 dB @ 5.8 GHz
• Low DC Power Consumption
• Low Cost SOT-363 Plastic Package




Similar Part No. - HWS398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-12 ETC2-HWS30-12 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-12A ETC2-HWS30-12A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS30-12A TDK-HWS30-12A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS30-15 ETC2-HWS30-15 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-15A ETC2-HWS30-15A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results


Similar Description - HWS398

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
GaAs SPDT Switch DC-6 GHz
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com