Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS466 Datasheet (PDF) - Hexawave, Inc

HWS466 Datasheet PDF - Hexawave, Inc
Part # HWS466
Download  HWS466 Download
File Size   72.36 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS466 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS466 Datasheet PDF - Hexawave, Inc

Part # HWS466
Download  HWS466 Click to download

File Size   72.36 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS466 Datasheet (HTML) - Hexawave, Inc


HWS466 Product details

Description
The HWS466 is a GaAs PHEMT MMIC SPDT switch operating at DC-6 GHz in a low cost miniature SON6L (2 x 3 mm) plastic lead (Pb) free package. The HWS466 features low insertion loss and high linearity with very low DC power consumption. This switch can be used in WiMAX or IEEE 802.11a/b/g WLAN PC card and access point applications as transmit/receive switch, antenna diversity switch, or band-selection switch.

Features
• Low Insertion Loss : 0.50 dB @ 2.7 GHz 0.60 dB @ 3.9 GHz
• Isolation: 25.0 dB @ 2.7 GHz 25.0 dB @ 3.9 GHz
• Low DC Power Consumption
• Miniature SON6L (2x3 mm) Plastic Lead (Pb) Free Package, RoHS Compliant
• PHEMT process




Similar Part No. - HWS466

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results


Similar Description - HWS466

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
GaAs SPDT Switch DC-6 GHz
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com