Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F80 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F80
Download  EN25F80 Download
File Size   434.12 Kbytes
Page   32 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F80 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F80 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F80
Download  EN25F80 Click to download

File Size   434.12 Kbytes
Page   32 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F80 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F80 Product details

FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• 8 Mbit Serial Flash
- 8 M-bit/1024 K-byte/4096 pages
- 256 bytes per programmable page
• High performance
- 100MHz clock rate
• Low power consumption
- 5 mA typical active current
- 1 μA typical power down current
• Uniform Sector Architecture:
- 256 sectors of 4-Kbyte
- 16 blocks of 64-Kbyte
- Any sector or block can be
erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.5ms typical
- Sector erase time: 150ms typical
- Block erase time 800ms typical
- Chip erase time: 10 Seconds typical
• Lockable 256 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 200mil body width
- 8 contact VDFN
- 8 pins PDIP
- All Pb-free packages are RoHS compliant
• Commercial and industrial temperature
Range

GENERAL DESCRIPTION
The EN25F80 is a 8M-bit (1024K-byte) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to
256 bytes at a time, using the Page Program instruction.
The EN25F80 is designed to allow either single Sector at a time or full chip erase operation. The
EN25F80 can be configured to protect part of the memory as the software protected mode. The device
can sustain a minimum of 100K program/erase cycles on each sector.




Similar Part No. - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GCP EON-EN25F80-100GCP Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GIP EON-EN25F80-100GIP Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HC EON-EN25F80-100HC Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Similar Description - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com