Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA7014D2I Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA7014D2I Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA7014D2I
Download  ETA7014D2I Download
File Size   1045.34 Kbytes
Page   8 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 36V High Side Over-Voltage Protector

ETA7014D2I Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA7014D2I Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA7014D2I
Download  ETA7014D2I Click to download

File Size   1045.34 Kbytes
Page   8 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 36V High Side Over-Voltage Protector

ETA7014D2I Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA7014D2I Product details

FEATURES
 36V Standoff Voltage
 35mohm on Resistance
 Input OVP with 0.1us Reaction Time
 Protection Voltage Programmable by VFB=1.26V
 SCP and OTP
 Enable Pin Available for Switch On and Off
 RoHS Compliant

APPLICATIONS
 All electronic devices with input DC power plug
 E-Cigarette
 Car Camera
 Cellphone




Similar Part No. - ETA7014D2I

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7014S2G ETA-ETA7014S2G Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
More results


Similar Description - ETA7014D2I

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
Fairchild Semiconductor
FR014H5JZ FAIRCHILD-FR014H5JZ Datasheet
809Kb / 12P
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7016 ETA-ETA7016 Datasheet
281Kb / 1P
36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in DFN3x3
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA7116 ETA-ETA7116 Datasheet
280Kb / 1P
36V Surge Voltage High Side Over Voltage Protector with 300V 13.2V TVS in DFN3x3
logo
Lowpower Semiconductor ...
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com