Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282A2FD Datasheet (PDF) - Torex Semiconductor

XC9282A2FD Datasheet PDF - Torex Semiconductor
Part # XC9282A2FD
Download  XC9282A2FD Download
File Size   1441.18 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters

XC9282A2FD Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9282A2FD Datasheet PDF - Torex Semiconductor

Part # XC9282A2FD
Download  XC9282A2FD Click to download

File Size   1441.18 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters

XC9282A2FD Datasheet (HTML) - Torex Semiconductor


XC9282A2FD Product details

■GENERAL DESCRIPTION
The XC9281/XC9282 series are 600 mA synchronous rectification DC/DC converters adopting HiSAT COT control. Due to increasing the oscillation frequency to high frequency, coil with a size of 1.0 x 0.5 mm can be used. A 0.6 x 0.3 mm ceramic capacitor can be used for the input capacitance (CIN) and the output capacitance (CL), realizing that the mounting area including peripheral components can be reduced to 3.52 mm2.
Due to increasing the oscillation frequency to a high frequency, the mounting area is reduced. Additionally, an efficiency equal to or higher than that of conventional products can realize by improving on-resistance and current consumption. Because of these features, XC9281/XC9282 series are ideal for equipment requiring miniaturization and low profile mounting area, and battery-powered equipment such as mobile equipment.
Moreover, the high speed transient response technology of the HiSAT COT control makes it possible to minimize the fluctuation of the output voltage for a load transient condition. This feature is optimal for applications requiring a fast r esponse and output voltage stability for an instantaneous load fluctuation like FPGA.

■ APPLICATIONS
● Smart phones / Mobile phones
● Wireless earphone / Headset
● Wearable devices
● DSC Camcorder
● Portable game consoles
● Smartcard
● Power supply for module
● Various small power sources

■FEATURES
Input Voltage Range : 2.5V ~ 5.5V
Output Voltage Range : 0.7V ~ 1.15V(±2.0%)
1.2V ~ 3.6V(±1.5%)
Output Current : 600mA
Quiescent Current : 11μA(XC9282 PWM/PFM Auto)
Oscillation Frequency : 4MHz, 6MHz
Efficiency (fOSC = 4MHz) : 90.0%(VIN =3.7V, VOUT =1.8V, IOUT = 200mA)
Control Methods : HiSAT-COT Control
PWM Control (XC9281)
PWM/PFM Auto (XC9282)
Protection Functions : Current Limit
Functions : Soft-Start, UVLO
CL Discharge (Type B)
Input / Output Capacitor : Ceramic Capacitor
Operating Ambient Temperature : 40℃ ~ 105℃
Package : LGA-6B01(1.2 x 1.2 x 0.3mm)
WLP-5-06(0.88 x 0.96 x 0.33mm)
Environmentally : EU RoHS Compliant, Pb Free




Similar Part No. - XC9282A2FD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9282 TOREX-XC9282 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Similar Description - XC9282A2FD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com