Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS416 Datasheet (PDF) - Hexawave, Inc

HWS416 Datasheet PDF - Hexawave, Inc
Part # HWS416
Download  HWS416 Download
File Size   69.97 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS416 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS416 Datasheet PDF - Hexawave, Inc

Part # HWS416
Download  HWS416 Click to download

File Size   69.97 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS416 Datasheet (HTML) - Hexawave, Inc


HWS416 Product details

Description
The HWS416 is a GaAs SPDT switch operating at DC-2.5 GHz in a low cost SOT-26 plastic lead (Pb) free package. The HWS416 features low insertion loss with very low DC power consumption. This general purpose switch can be used in analog and digital wireless communication systems.

Features
• Low Insertion Loss: 0.4 dB @ 2.5 GHz
• Isolation: 24 dB @ 2.5 GHz
• Low DC Power Consumption
• Low Cost SOT-26 Plastic Lead (Pb) Free Package, RoHS Compliant




Similar Part No. - HWS416

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS416_V4 HW-HWS416_V4_15 Datasheet
58Kb / 2P
2GaAs DC-2.5 GHz SPDT Switch
More results


Similar Description - HWS416

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com