Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP010693 Datasheet (PDF) - Multicomp Pro

MP010693 Datasheet PDF - Multicomp Pro
Part # MP010693
Download  MP010693 Download
File Size   297.37 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Speed Fuse

MP010693 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP010693 Datasheet PDF - Multicomp Pro

Part # MP010693
Download  MP010693 Click to download

File Size   297.37 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Speed Fuse

MP010693 Datasheet (HTML) - Multicomp Pro


MP010693 Product details

Features
• 80V DC EV high speed fuse
• Rated Current: 30-800 A
• Rated Breaking Capacity: 4 kA at 80V DC
• Ref. to: UL 248; DIN 43560
• Bolt Size: M10
• UL / TUV approved




Similar Part No. - MP010693

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01062 GOLLEDGE-MP01062 Datasheet
103Kb / 5P
SAW Filter 433.920MHz
MP01065 GOLLEDGE-MP01065 Datasheet
155Kb / 6P
SAW Filter 1280.180MHz
More results


Similar Description - MP010693

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
Littelfuse
1LFS LITTELFUSE-1LFS Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
LSCR102 LITTELFUSE-LSCR102 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
L70S SERIES HIGH-SPEED FUSE
Rev: 021815
1LFS LITTELFUSE-1LFS_V01 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
MS3H1000C LITTELFUSE-MS3H1000C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
Fuse link type CMF High voltage – fuse links
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com