Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5389H Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5389H Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5389H
Download  IP5389H Download
File Size   1661.26 Kbytes
Page   38 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description A Power Bank SOC With Integrated Buck-Boost Driver Supporting All Fast Charging Protocol Such As UFCS, 3 Typec PD3.0, Supporting 2~6 Series Batteries And Supporting Maximum Power 100W

IP5389H Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5389H Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5389H
Download  IP5389H Click to download

File Size   1661.26 Kbytes
Page   38 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description A Power Bank SOC With Integrated Buck-Boost Driver Supporting All Fast Charging Protocol Such As UFCS, 3 Typec PD3.0, Supporting 2~6 Series Batteries And Supporting Maximum Power 100W

IP5389H Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5389H Product details

Feature
 Supporting Multiple USB Ports
Simultaneously
 2 USB-C input/output ports
 1 USB-C port or USB-A port output
 1 USB-A port output
 Fast Charging
 Every port supports fast charging
 Support QC2.0/QC3.0 output
 Support FCP input/output
 Support AFC input/output
 Support SCP input/output
 Support VOOC input/output
 Support DRP try.SRC, PD3.0 input/output
 Support UFCS
 Support BC1.2,Apple
 Integrated USB PD2.0/PD3.0 Protocol
 Support PD2.0 input/output protocol
 Support PD3.0 input/output and PPS output
protocol
 Support 5V/9V/12V/15V/20V input
 Support 5V/9V/12V/15V/20V output
 Support adjustable voltage in 20mV/step in
PPS Mode
 Integrate hardware Bi-phase mark codec
(BMC) protocol
 Integrate Physical Layer protocol
 Integrate hardware CRC
 Support Hard Reset
 Integrated identification and support for EMARK cables
 Power Control
 Integrated bi-directional Buck-Boost NMOS
driver
 Integrated Charge-Pump to control external
NMOS
 Charge
 Adaptive charging current adjustment
 Support 3.65V/4.15V/4.20V/4.30V/4.35V/4.40
V battery
 Support 2/3/4/5/6 batteries in series
 Support charging Lithium Iron Phosphate
Battery(3.65V)
 Boost
 Maximum output power 100W
 Up to 97%@5V/2A efficiency with
synchronous switching
 Support line compensation

Description
IP5389H is a power management SOC that
integrates QC2.0/QC3.0/UFCS output fast charging
protocol, AFC/FCP/SCP/VOOC input and output fast
charging protocol, USB-C PD2.0/PD3.0 input and
output fast charging protocol and USB-C PD3.0 PPS
output protocol, BC1.2/iPhone protocol, synchronous
bi-directional buck-boost converter, lithium battery
charging management and battery power indicator,
providing a complete power solution for fast charging
mobile power supplies. It can support two bidirectional
USB C ports, one output USB C (or USB A), and one USB
A at the same time and fast charging when any port is
connected alone. When two or more output ports are
used at the same time, every port’s output voltage is
5V.
Due to the high integration and rich function of
IP5389H, only one inductor is needed to realize the
bidirectional buck-boost function. Only a few
peripheral components are needed in the application,
which effectively reduces the size of the overall
solution and reduces the BOM cost.
IP5389H supports 2/3/4/5/6 series batteries and
the synchronous switch buck-boost system can provide
a maximum output capacity of 100W. When there is no
load, it automatically enters the dormant state.
IP5389H synchronous switch charging system
provides up to 8.0A charging current. The built-in IC
temperature, battery temperature and input voltage
control loop, intelligently adjust the charging current.
IP5389H built-in 14-bit ADC can accurately
measure battery voltage and current. Built-in power
calculation method can accurately obtain battery
power information. The battery power curve can be
customized to accurately display the battery power.
IP5389H supports 4 LEDs power display, supports
88、188 and other nixie tube power display; Integrated
lighting driver; Supports multiple key modes




Similar Part No. - IP5389H

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5389 INJOINIC-IP5389 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5389 INJOINIC-IP5389 Datasheet
1Mb / 32P
integrated buck-boost driver
V1.01
IP5389_AACC INJOINIC-IP5389_AACC Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5389_BZ INJOINIC-IP5389_BZ Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
More results


Similar Description - IP5389H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
ON Semiconductor
NCP81105 ONSEMI-NCP81105 Datasheet
385Kb / 36P
DrMOS Supporting 1/2/3 Phase Power Controller
October, 2013 ??Rev. 2
logo
NXP Semiconductors
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
logo
Injoinic Technology Co....
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
Injoinic Technology Co....
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com