Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6816 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6816 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6816
Download  IP6816 Download
File Size   770.8 Kbytes
Page   17 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TWS Bluetooth Earphone Charging Box SOC integrated withQi wireless power reciever

IP6816 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6816 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6816
Download  IP6816 Click to download

File Size   770.8 Kbytes
Page   17 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description TWS Bluetooth Earphone Charging Box SOC integrated withQi wireless power reciever

IP6816 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6816 Product details

Features
 Discharge
 Output capacity: 5V/300mA
 Up to 93%@5V/150mA discharge efficiency
of synchronous switch
 Built-in power path management supports
charging and discharging at the same time
 Charge
 Max 500mA linear charger, adjustable
charging current
 Adjusts charging current automatically to
adapt to different load capacity adapters
 Supports 4.20V, 4.30V 4.35V, 4.40V batteries
 Supports wireless power receiver compliant
with Qi
 Battery indicators
 Built-in 10bits ADC , accurate calculation of
battery capacity
 Supports 4/3/2/1 LED battery indicator
 Low-power dissipation
 Automatically detect earphone plugged-in/
plugged-out/charger-end, Automatically
enter standby mode
 Support detection of earphone
plug-in/plug-out independly
 Standby power consumption up to 25ua
minimum
 Simplified BOM
 Built-in power MOS, only a few peripheral
devices are needed in the complete charging
and discharging scheme
 Multiple protection, high reliability
 Output:over current and short circuit
protection
 Input:over voltage and Battery over charged
protection
 Over temperature protection
 Vin pin can withstand up to 15V(transient
voltage)
 ESD 4KV
 In-depth customization
 Flexible and low-cost customized program
 Package: QFN16 (4*4*0.75mm)

2. Applications
 TWS Bluetooth Earphone Charging Box
 Lithium Battery Portable Device

3. Description
IP6816 is a multi-functional power management
SOC for total solution on TWS Bluetooth Earphone
Charging Box. It integrates with Qi wireless power
receiver, 5V-boost converter, lithium battery charging
management and battery level indicators.
IP6816 is highly integrated with abundant
functions, which makes the total solution size
minimized and BOM costed down.
The synchronous 5V-boost system of IP6816
provides rated 300mA output current with conversion
efficiency up to 93%. DC-DC converter operates at
1.5MHz, and can support low-cost inductors and
capacitors.
IP6816’s linear charging system supplies max
500mA charging current. With the change of IC
temperature and input voltage, IP6816 can
automatically adjust the charging current.
IP6816 can detects the TWS earphone
plug-in/plug-out in the Chargering Box independently.
While the earphone is put in the Chargering Box, it
enters the discharging mode automaticaly. When the
earphone is fully charged, the Chargering Box
automatically enters the sleep state, and the standby
current can be reduced to 30uA. The earphone’s
charge-end current can be Flexible and customizable,
such as 4mA or 8mA.
IP6816 can support 1/2/3/4 LED battery indicator,
The built-in 10bits ADC can accurately calculate the
Chargering Box’s battery capacity.
IP6816 is packaged with QFN16(4*4*0.75mm).




Similar Part No. - IP6816

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP68 ROSENBERGER-IP68 Datasheet
540Kb / 2P
쩍??JUMPER 4.1-9.5 MALE / 4.1-9.5 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
80Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
More results


Similar Description - IP6816

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20736S CYPRESS-CYW20736S Datasheet
8Mb / 3P
Bluetooth Smart Module with Wireless Charging
logo
Dialog Semiconductor
DA14585 DIALOG-DA14585 Datasheet
567Kb / 4P
Smallest, lowest power and most integrated Bluetooth 5 SoC
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Shenzhen Huazhimei Semi...
HM233B HMSEMI-HM233B Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM5811 HMSEMI-HM5811 Datasheet
350Kb / 6P
0.38A charging 0.7A discharging automatic switch machine Bluetooth charging stand SOC
HM233BD HMSEMI-HM233BD Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM5905 HMSEMI-HM5905 Datasheet
1Mb / 8P
1.5A charging high integrated mobile power SOC
HM5919 HMSEMI-HM5919 Datasheet
2Mb / 13P
3A charging 2.4A discharging Highly integrated mobile power SOC
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com