Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMS583 Datasheet (PDF) - JMicron Technology Corporation

JMS583 Datasheet PDF - JMicron Technology Corporation
Part # JMS583
Download  JMS583 Download
File Size   920.53 Kbytes
Page   30 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description USB 3.1 Gen 2 to PCIe Gen3x2 Bridge

JMS583 Datasheet (PDF)

Go To PDF Page Download Datasheet
JMS583 Datasheet PDF - JMicron Technology Corporation

Part # JMS583
Download  JMS583 Click to download

File Size   920.53 Kbytes
Page   30 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description USB 3.1 Gen 2 to PCIe Gen3x2 Bridge

JMS583 Datasheet (HTML) - JMicron Technology Corporation


JMS583 Product details

Features
 Integrates with USB Type-C
TM multiplexer & configuration channel (CC) logic
 Supports TRIM to the SSD
 Complies with PCI Express Base Specification Revision 3.1a
 Complies with NVM Express 1.3
 Complies with USB 3.1 Gen 1 and Gen 2 Specification, USB Mass Storage Class, Bulk-Only Transport
Specification (Revision 1.0)
 Complies with USB Attached SCSI Protocol (UASP) Specification (Revision 4)
 Supports USB Super-Speed/High-Speed/Full-Speed Operation
 Supports USB2.0/USB 3.1 Gen 1/2 power saving mode
 Supports external SPI NVRAM for Vendor VID/PID of USB2.0/USB 3.1 Gen 1/2 device controller
 Thirteen GPIOs for customization
 Provides hardware controlled PWMs
 Provides software utilities for downloading the upgraded firmware code under USB2.0/USB 3.1 Gen1,2
 Design for Windows 7, Windows 10 and MAC 10.10.5 or later version
 Support SCSI / NVMe Pass-through command to allow an application client to transmit a NVMe command to a
NVMe device.
 Supports 25MHz external crystal
 Supports 3.3V I/O
 Embedded 5V to 1.0V voltage regulator
 Embedded 5V to 3.3V linear voltage regulator (LDO)
 QFN64 8x8 package




Similar Part No. - JMS583

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JMS583 JMICRON-JMS583 Datasheet
365Kb / 11P
USB 3.1 Gen 2 to PCle Gen3x2 Bridge Controller
More results


Similar Description - JMS583

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
JMicron Technology Corp...
JMS583 JMICRON-JMS583 Datasheet
365Kb / 11P
USB 3.1 Gen 2 to PCle Gen3x2 Bridge Controller
JMS901 JMICRON-JMS901 Datasheet
421Kb / 10P
USB 3.1 Gen 1 to UFS/UHS-1 Bridge
logo
Tripp Lite. All Rights ...
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
logo
Vecow Co., Ltd.
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Renesas Technology Corp
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
logo
JMicron Technology Corp...
JMB585 JMICRON-JMB585 Datasheet
317Kb / 10P
PCIe Gen3x2 to 5 SATA 6Gb/s Bridge
Revision: 1.00 / Date: 01/02/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com