Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDP20N50 Datasheet (PDF) - ON Semiconductor

FDP20N50 Datasheet PDF - ON Semiconductor
Part # FDP20N50
Download  FDP20N50 Download
File Size   762.66 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM MOSFET 500 V, 20 A, 230 mΩ

FDP20N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP20N50 Datasheet PDF - ON Semiconductor

Part # FDP20N50
Download  FDP20N50 Click to download

File Size   762.66 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM MOSFET 500 V, 20 A, 230 mΩ

FDP20N50 Datasheet (HTML) - ON Semiconductor


FDP20N50 Product details

Features
• RDS(on) = 200 mΩ (Typ.) @ VGS = 10 V, ID = 10 A
• Low Gate Charge (Typ. 45.6 nC)
• Low Crss (Typ. 27 pF)
• 100% Avalanche Tested

Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
• AC-DC Power Supply

Description
UniFETTM MOSFET is Fairchild Semiconductor’s high voltage MOSFET family based on planar stripe and DMOS technology. This MOSFET is tailored to reduce on-state resistance, and to provide better switching performance and higher avalanche energy strength. This device family is suitable for switching power converter applications such as power factor correction (PFC), flat panel display (FPD) TV power, ATX and electronic lamp ballasts.




Similar Part No. - FDP20N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP20N50 FAIRCHILD-FDP20N50 Datasheet
1Mb / 8P
500V N-Channel MOSFET
FDP20N50 FAIRCHILD-FDP20N50 Datasheet
1,010Kb / 10P
500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP20N50 ISC-FDP20N50 Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
logo
Inchange Semiconductor ...
FDP20N50F ISC-FDP20N50F Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDP20N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
N-Channel UniFETTM II MOSFET
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FDA16N50F109 FAIRCHILD-FDA16N50F109 Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
logo
ON Semiconductor
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com