Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDP20N50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDP20N50
Description  N-Channel UniFETTM MOSFET 500 V, 20 A, 230 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDP20N50 Datasheet(HTML) 2 Page - ON Semiconductor

  FDP20N50 Datasheet HTML 1Page - ON Semiconductor FDP20N50 Datasheet HTML 2Page - ON Semiconductor FDP20N50 Datasheet HTML 3Page - ON Semiconductor FDP20N50 Datasheet HTML 4Page - ON Semiconductor FDP20N50 Datasheet HTML 5Page - ON Semiconductor FDP20N50 Datasheet HTML 6Page - ON Semiconductor FDP20N50 Datasheet HTML 7Page - ON Semiconductor FDP20N50 Datasheet HTML 8Page - ON Semiconductor FDP20N50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
November 2013
©2006 Fairchild Semiconductor Corporation
FDP20N50 / FDPF20N50 / FDPF20N50T Rev. C1
www.fairchildsemi.com
1
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FDP20N50
FDPF20N50 /
FDPF20N50T
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
20
12.9
20 *
12.9 *
A
A
IDM
Drain Current
- Pulsed
(Note 1)
80
80 *A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1110
mJ
IAR
Avalanche Current
(Note 1)
20
A
EAR
Repetitive Avalanche Energy
(Note 1)
25
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
250
2.0
38.5
0.3
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FDP20N50
FDPF20N50/
FDPF20N50T
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.5
3.3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
FDP20N50 / FDPF20N50 / FDPF20N50T
N-Channel UniFETTM MOSFET
500 V, 20 A, 230 m
Ω
Features
•RDS(on) = 200 mΩ (Typ.) @ VGS = 10 V, ID = 10 A
• Low Gate Charge (Typ. 45.6 nC)
• Low Crss (Typ. 27 pF)
• 100% Avalanche Tested
Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
• AC-DC Power Supply
Description
UniFETTM MOSFET is Fairchild Semiconductor’s high voltage
MOSFET family based on planar stripe and DMOS technology.
This MOSFET is tailored to reduce on-state resistance, and to
provide better switching performance and higher avalanche
energy strength. This device family is suitable for switching
power converter applications such as power factor correction
(PFC), flat panel display (FPD) TV power, ATX and electronic
lamp ballasts.
TO-220
G
DS
TO-220F
G
DS
G
S
D
* Drain current limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com