Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-4 Datasheet (PDF) - SpectraLinear Inc

SL23EP08SC-4 Datasheet PDF - SpectraLinear Inc
Part # SL23EP08SC-4
Download  SL23EP08SC-4 Download
File Size   173.77 Kbytes
Page   18 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)

SL23EP08SC-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL23EP08SC-4 Datasheet PDF - SpectraLinear Inc

Part # SL23EP08SC-4
Download  SL23EP08SC-4 Click to download

File Size   173.77 Kbytes
Page   18 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)

SL23EP08SC-4 Datasheet (HTML) - SpectraLinear Inc


SL23EP08SC-4 Product details

Description
The SL23EP08 is a low skew, low jitter and low power Zero Delay Buffer (ZDB) designed to produce up to eight (8) clock outputs from one (1) reference input clock, for high speed clock distribution applications.

Key Features
• 10 to 220 MHz operating frequency range
• Low output clock skew: 70ps-typ
• Low output clock Jitter: 50 ps-typ
    - 50 ps-typ at 166MHz, CL=15pF and VDD=3.3V
    - 75 ps-typ at 166MHz, CL=15pF and VDD=2.5V
• Low part-to-part output skew: 150 ps-typ
• 3.3V to 2.5V power supply range
• Low power dissipation:
   • - 22 mA-typ at 66MHz and VDD=3.3V
   • - 20 mA-typ at 66MHz and VDD=2.5V
• One input drives 8 outputs
• Multiple configurations and drive options
• Select mode to bypass PLL or tri-state outputs
• SpreadThru™ PLL that allows use of SSCG
• Available in 16-pin SOIC and TSSOP packages
• Available in Commercial and Industrial grades

Benefits
• Up to eight (8) distribution of input clock
• Standard and High-Dirive levels to control impedance level, frequency range and EMI
• Low skew, jitter and power dissipation

Applications
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switchers and Servers
• Datacom and Telecom
• High-Speed Digital Embeded Systems




Similar Part No. - SL23EP08SC-4

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP08SC-4 SILABS-SL23EP08SC-4 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08SC-4T SILABS-SL23EP08SC-4T Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Similar Description - SL23EP08SC-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com