Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC5217 Datasheet (PDF) - OCX semiconductor

OC5217 Datasheet PDF - OCX semiconductor
Part # OC5217
Download  OC5217 Download
File Size   574.04 Kbytes
Page   9 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 30V, 800mA High-end Current Sensing Step-Down LED Constant Current Driver

OC5217 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC5217 Datasheet PDF - OCX semiconductor

Part # OC5217
Download  OC5217 Click to download

File Size   574.04 Kbytes
Page   9 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 30V, 800mA High-end Current Sensing Step-Down LED Constant Current Driver

OC5217 Datasheet (HTML) - OCX semiconductor


OC5217 Product details

Features
◆Maximum Output Current: 800mA
◆High Efficiency: 96%
◆Excellent Load and Linear Regulation
◆High-End Current Sensing
◆Maximum Brightness Control Frequency: 20kHz
◆Hysteresis Control, No Loop Compensation Required
◆Maximum Operating Frequency: 1MHz
◆Current Accuracy: ±3%
◆Wide Input Voltage: 5.5V~30V
◆Intelligent Over-Temperature Protection
◆Low Dropout Voltage with No Overshoot




Similar Part No. - OC5217

ManufacturerPart #DatasheetDescription
logo
OCX semiconductor
OC5266 OCX-OC5266 Datasheet
660Kb / 9P
60V High-Side Current-Sensing Buck LED Constant-Current Driver
V2.0
OC5266B OCX-OC5266B Datasheet
661Kb / 10P
65V High-End Current Sensing Step-Down LED Constant Current Driver
More results


Similar Description - OC5217

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Rev 3
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM9913 HMSEMI-HM9913 Datasheet
743Kb / 6P
100V Step-Down LED Constant Current Driver
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
55V step-down, high brightness LED constant current driver
HM1350 HMSEMI-HM1350 Datasheet
517Kb / 9P
high-end measuring step-down constant current LED effctor
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
step-down high-power LED constant current driver
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
HM9911 HMSEMI-HM9911 Datasheet
281Kb / 8P
Switching step-down LED constant current driver
logo
Mean Well Enterprises C...
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com